Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
9 Power Supply Recommendations
9.1 PLL Design Considerations
It is acceptable for the VDD_PLLD and VDD_PLLM to be derived from the same regulator as the core VDD.
However, to minimize the AC noise component, apply a filter as recommended in the PLL Power Layout section.
9.2 System Power-Up and Power-Down Sequence
Although the DLPC34xx controller requires an array of power supply voltage pins (for example, VDD, VDDLP12,
VDD_PLLM/D, VCC18, VCC_FLSH, and VCC_INTF), if VDDLP12 is tied to the 1.1-V VDD supply (which is
assumed to be the typical configuration), then there are no restrictions regarding the relative order of power
supply sequencing to avoid damaging the DLPC34xx controller (this remains true for both power-up and power-
down scenarios). The controller requires no minimum delay time between powering-up and powering-down the
individual supplies if the VDDLP12 is tied to the 1.1-V VDD supply.
However, if the VDDLP12 pin is not tied to the VDD supply, then the VDDLP12 pin must be powered-on only
after the VDD supply is powered-on. And in a similar sequence, the VDDLP12 pin must be powered-off before
the VDD supply is powered-off. If the VDDLP12 pin is not tied to VDD, then the VDDLP12 pin and VDD supply
pins must be powered-on or powered-off within 100 ms of each other.
Although there is no risk of damaging the DLPC34xx controller when the above power sequencing rules are
followed, these additional power sequencing recommendations must be considered to ensure proper system
operation:
• To ensure that the DLPC34xx controller output signal states behave as expected, all controller I/O supplies
are encouraged to remain applied while VDD core power is applied. If VDD core power is removed while the
I/O supply (VCC_INTF) is applied, then the output signal states associated with the inactive I/O supply go to
a high impedance state.
• Because additional power sequencing rules may exist for devices that share the supplies with the DLPC34xx
controller (such as the PMIC and DMD), these devices may force additional system power sequencing
requirements.
Figure 9-1, Figure 9-2, and Figure 9-3 show the DLPC34xx power-up sequence, the normal PARK power-down
sequence, and the fast PARK power-down sequence of a typical DLPC34xx system.
When the VDD core power is applied, but I/O power is not applied, the controller may draw additional leakage
current. This leakage current does not affect the normal DLPC34xx controller operation or reliability.
Note
During a Normal Park it is recommended to maintain SYSPWR within specification for at least 50 ms
after PROJ_ON goes low. This is to allow the DMD to be parked and the power supply rails to safely
power down. After 50 ms, SYSPWR can be turned off. If a DLPA200x is used, it is also recommended
that the 1.8-V supply fed into the DLPA200x load switch be maintained within specification for at least
50 ms after PROJ_ON goes low.
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com