Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
6.14 BT656 Interface General Timing Requirements
The DLPC34xx controller input interface supports the industry standard BT.656 parallel video interface. See the appropriate
ITU-R BT.656 specification for detailed interface timing requirements.(2)
MIN
MAX
UNIT
ƒcll
PCLK frequency
1.0
33.5
MHz
tp_clkper
PCLK period
50% reference points
29.85
1000
ns
tp_clkjit
PCLK jitter
Max fclock
See (1)
tp_wh
PCLK pulse duration high
50% reference points
10.0
ns
tp_wl
PCLK pulse duration low
50% reference points
10.0
ns
tp_su
Setup time – PDATA(7:0) before the active edge of
PCLK
50% reference points
3.0
ns
tp_h
Hold time – PDATA(7:0) after the active edge of
PCLK
50% reference points
0.9
ns
tt
Transition time – all signals
20% to 80% reference points
(rising signal)
80% to 20% reference points
(falling signal)
0.2
3.0
ns
(1)
Calculate clock jitter (in ns) using this formula: Jitter = [1 / ƒclock – 5.76 ns]. Clock jitter must maintain setup and hold times. BT.656 data
bits must be mapped to the DLPC34xx PDATA bus as shown in Figure 6-9 shows BT.656 bus mode YCbCr 4:2:2 source PDATA (23:0)
mapping.
(2)
The BT.656 interface accepts 8-bits per color, 4:2:2 YCbCr data encoded per the industry standard through PDATA(7:0) on the active
edge of PCLK. See Figure 6-9.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Bus assignment mapping
PDATA(7:0) of the input pixel data bus
Data bit mapping on controller pin
23
22
21
20
19
18
17
16
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Figure 6-9. BT.656 Interface Mode Bit Mapping
6.15 DSI Host Timing Requirements
These timing requirements describe specific host minimum values that are higher than those specified in the MIPI standards.
It is critical for proper operation that the host meet these minimum timing requirements for specified MIPI parameters. The
decoded DSI data must also follow all Section 6.12.
MIN
MAX
UNIT
Clock lane
Frequency
80
235
MHz
Data lane
Effective data rate
160
470
Mbps
Number of data lanes
Selectable
1
4
lanes
tHS-PREPARE+ tHS-ZERO
During a LP to HS transition, the time that
the transmitter drives the HS-0 state prior to
transmitting the synchronization sequence
80-MHz to 94-MHz HS
clock
565
ns
95-MHz to 235-MHz HS
clock(1)
465(2)
tHS-SETTLE
Time interval during which the HS receiver
ignores any data lane HS transitions,
starting from the beginning of THS-PREPARE;
the HS receiver ignores any data lane
transitions before the minimum value, and
responds to any data lane transitions after
the maximum value
80-MHz to 94-MHz HS
clock
565(3)
ns
95-MHz to 235-MHz HS
clock
465(3)
(1)
Example: At 172 MHz and tHS-PREPARE = 51.46 ns → 51.46 ns + tHS-ZERO ≥ 465 ns. Therefore tHS-ZERO ≥ 413.54 ns.
(2)
Minimum values are higher than those required by the MIPI standard. tHS-PREPARE must be within the MIPI specified range.
(3)
Maximum values are higher than those required by the MIPI standard.
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com