Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
6.16 Flash Interface Timing Requirements
The DLPC34xx flash memory interface consists of a SPI flash serial interface with a programmable clock rate. The
DLPC34xx can support 1- to 128-Mb flash memories.(2) (3) (4)
MIN
MAX
UNIT
fclock
SPI_CLK frequency
See (1)
1.4
36.0
MHz
tp_clkper
SPI_CLK period
50% reference points
27.8
704
ns
tp_wh
SPI_CLK pulse duration high
50% reference points
352
ns
tp_wl
SPI_CLK pulse duration low
50% reference points
352
ns
tt
Transition time – all signals
20% to 80% reference
points (rising signal)
80% to 20% reference
points (falling signal)
0.2
3.0
ns
tp_su
Setup time – SPI_DIN valid before SPI_CLK falling edge 50% reference points
10.0
ns
tp_h
Hold time – SPI_DIN valid after SPI_CLK falling edge
50% reference points
0.0
ns
tp_clqv
SPI_CLK clock falling edge to output valid time –
SPI_DOUT and SPI_CSZ
50% reference points
1.0
ns
tp_clqx
SPI_CLK clock falling edge output hold time –
SPI_DOUT and SPI_CSZ
50% reference points
–3.0
3.0
ns
(1)
This range include the ±200 ppm of the external oscillator (but no jitter).
(2)
Standard SPI protocol is to transmit data on the falling edge of SPI_CLK and capture data on the rising edge. The DLPC34xx does
transmit data on the falling edge, but it also captures data on the falling edge rather than the rising edge. This provides support for SPI
devices with long clock-to-Q timing. DLPC34xx hold capture timing has been set to facilitate reliable operation with standard external
SPI protocol devices.
(3)
With the above output timing, DLPC34xx provides the external SPI device 8.2-ns input set-up and 8.2-ns input hold, relative to the
rising edge of SPI_CLK.
(4)
For additional requirements of the external flash device view the Section 7.3.3.1 section.
SPI_CLK
(Controller output)
SPI_DIN
(Controller input)
SPI_DOUT, SPI_CS(1:0)
(Controller output)
tCLKPER
tWH
tWL
tP_CLQV
tP_CLQX
tP_SU
tP_H
Figure 6-10. Flash Interface Timing
www.ti.com
DLPC3420
DLPS232 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com