Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
6.10 System Oscillator Timing Requirements
MIN
NOM
MAX
UNIT
fclk
Clock frequency, MOSC (primary oscillator clock)(1)
23.998
24.000
24.002
MHz
tc
Cycle time, MOSC (clock period)(1)
See Figure 6-5
41.663
41.667
41.670
ns
tw(H)
Pulse duration as percent of tc (2), MOSC, high
50% to 50% reference points
(signal)
40%
50%
tw(L)
Pulse duration as percent of tc (2), MOSC, low
50% to 50% reference points
(signal)
40%
50%
tt
Transition time(2), MOSC
20% to 80% reference points
(rising signal)
80% to 20% reference points
(falling signal)
10
ns
tjp
Long-term, peak-to-peak, period jitter(2), MOSC
(that is the deviation in period from ideal period due solely to
high frequency jitter)
2%
(1)
The frequency accuracy for MOSC is ±200 PPM. This includes impact to accuracy due to aging, temperature, and trim sensitivity. The
MOSC input does not support spread spectrum clock spreading.
(2)
Applies only when driven by an external digital oscillator.
MOSC
tW(H)
50%
80%
20%
tW(L)
tC
tT
tT
Figure 6-5. System Oscillators
6.11 Power Supply and Reset Timing Requirements
MIN
MAX
UNIT
tw(L)
Pulse duration, active low, RESETZ
50% to 50% reference points (signal)
1.25
µs
tr
Rise time, RESETZ(1)
20% to 80% reference points (signal)
0.5
µs
tf
Fall time, RESETZ(1)
80% to 20% reference points (signal)
0.5
µs
trise
Rise time, VDD (during VDD ramp up at turn-
on)
0.3 V to 1.045 V (VDD)
1
ms
(1)
For more information on RESETZ, see Section 5.
RESETZ
DC Power Supplies
80%
50%
20%
tw(L)
tw(L)
tf
tr
tw(L)
80%
50%
20%
Time
Figure 6-6. Power-Up and Power-Down RESETZ Timing
www.ti.com
DLPC3420
DLPS232 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com