Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 58 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 54Page - Texas Instruments DLPA2000 Datasheet HTML 55Page - Texas Instruments DLPA2000 Datasheet HTML 56Page - Texas Instruments DLPA2000 Datasheet HTML 57Page - Texas Instruments DLPA2000 Datasheet HTML 58Page - Texas Instruments DLPA2000 Datasheet HTML 59Page - Texas Instruments DLPA2000 Datasheet HTML 60Page - Texas Instruments DLPA2000 Datasheet HTML 61Page - Texas Instruments DLPA2000 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.1.2 Device Nomenclature
11.1.2.1 Device Markings
Pin (terminal) A1 corner identifier
YMZLLLS
SC
DLPC342xZVB
2
1
Marking Definitions:
Line 1:
DLP Device Name: DLPC342x where x is a "0" for this device
Line 2:
YMZLLLS SC: Foundry lot code for semiconductor wafers and lead-free solder ball marking
YM: Year Month
Z, S: Assembly site
LLL: Assembly lot traceability
SC: Solder ball composition
e1: Indicates lead-free solder balls consisting of SnAgCu
G8: Indicates lead-free solder balls consisting of tin-silver-copper (SnAgCu) with silver content
less than or equal to 1.5% and that the mold compound meets TI's definition of green
Note
1. Engineering prototype samples are marked with an X suffix appended to the TI part number. For
example, 2512737-0001X.
2. See Section 7.3.1.1, for DLPC342x resolutions on the DMD supported per part number.
11.1.3 Video Timing Parameter Definitions
See Figure 11-1 for a visual description.
Active Lines Per Frame
(ALPF)
Defines the number of lines in a frame containing displayable data. ALPF is a
subset of the TLPF.
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com