Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
(c)
SYSPWR
PROJ_ON (GPIO_8)
VDD (1.1 V)
Signals
from PMIC
from other source
VDDLP12 (if not tied to VDD)
VDD_PLLM/D (1.1 V)
VCC18 (1.8 V)
VCC_INTF (e.g. 1.8 V)
VCC_FLSH (e.g. 1.8 V)
PLL_REFCLK
HOST_IRQ
I
2C (activity)
RESETZ
Pre-Initial-
ization
Regular Operation
Power
Startup
t0
t1
t2
t3
(a)
(b)
(d)
(e)
Initialization
PARKZ
System State
t0:
SYSPWR applied to the PMIC. All other voltage rails are derived from SYSPWR.
t1:
All supplies reach 95% of their specified nominal value. Note HOST_IRQ may go high sooner if it is pulled-up to a different
external supply.
t2:
Point where RESETZ is deasserted (goes high). This indicates the beginning of the controller auto-initialization routine.
t3:
HOST_IRQ goes low to indicate initialization is complete.
(a):
VDDLP12 must be powered on after VDD if it is supplied from a separate source.
(b):
PLL_REFCLK is allowed to be active before power is applied.
(c):
PLL_REFCLK must be stable within 5 ms of all power being applied. For external oscillator applications this is oscillator
dependent, and for crystal applications this is crystal and controller oscillator cell dependent.
(d):
PARKZ must be high before RESETZ releases to support auto-initialization. RESETZ must also be held low for at least 5 ms
after the power supplies are in specification.
(e):
I2C activity cannot start until HOST_IRQ goes low to indicate auto-initialization completes.
Figure 9-1. System Power-Up Waveforms
www.ti.com
DLPC3420
DLPS232 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com