Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1972ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADP1972
Rev. B | Page 3 of 18
SPECIFICATIONS
VIN = 24 V and the specifications are valid for TJ = −40°C to +125°C, unless otherwise specified. Typical values are at TA = 25°C.
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE (VIN)
Voltage Range
VIN
6
60
V
VIN Supply Current
IVIN
RFREQ = 100 kΩ, VSS = 0 V, SYNC floating
1.5
2.5
mA
VIN Shutdown Current
ISHDN
VEN = 0 V
15
70
μA
UVLO Threshold Rising
VIN rising
5.71
6
V
UVLO Threshold Falling
VIN falling
5.1
5.34
V
SOFT START (SS)
SS Pin Current
ISS
VSS = 0 V
4
5
6
μA
SS Threshold Rising
0.52
0.65
V
SS Threshold Falling
0.4
0.5
V
PWM CONTROL
FREQ
Frequency Range
fSET
50
300
kHz
Oscillator Frequency
fOSC
RFREQ = 100 kΩ
90
100
110
kHz
FREQ Pin Voltage
VFREQ
RFREQ = 100 kΩ
1.2
1.252
1.3
V
SYNC
Maximum SYNC Pin Voltage
5.5
V
SYNC Pull-Down Resistor
0.5
1
1.5
MΩ
SYNC Output (Internal Frequency Control)
VSCFG ≥ 4.53 V or SCFG pin floating
Internal SYNC Range
fSET
For SYNC output
50
300
kHz
SYNC Output Clock Duty Cycle
VSCFG = VVREG, RFREQ = 100 kΩ
40
50
60
%
SYNC Sink Resistance
RSYNC
VSCFG = 5 V, ISYNC = 10 mA
10
20
Ω
SYNC Input (External Frequency Control)
VSCFG < 4.25 V
External SYNC Range
fSYNC
For SYNC input clock
50
300
kHz
SYNC Threshold Rising
1.2
1.5
V
SYNC Threshold Falling
0.7
1.05
V
RFREQ Slave to Master Ratio for Synchronization
For example, RFREQ (SLAVE) = 1.11 × RFREQ (MASTER)
1.11
SCFG
VSCFG
SCFG High Threshold Rising
4.53
4.7
V
SCFG High Threshold Falling
4.25
4.51
V
SCFG Low Threshold Rising
0.52
0.65
V
SCFG Low Threshold Falling
0.4
0.5
V
SCFG Current
IISCFG
RFREQ = 100 kΩ
9.5
11
12.5
μA
DMAX
Maximum Internal Duty Cycle
VCOMP, VDMAX, VSS, and VSCFG = 5 V
97.37
%
DMAX Setting Current
IDMAX
VDMAX = 0 V, RFREQ = 100 kΩ
9.5
11
12.5
μA
DMAX and SCFG Current Matching1
10
%
COMP
Maximum COMP Pin Voltage
VCOMP
5
V
Internal Peak-to-Peak Ramp Voltage
V p-p
4
V
COMP Maximum Internal Ramp Voltage
4.5
V
COMP Minimum Internal Ramp Voltage
Internal oscillator is disabled
0.45
0.5
0.55
V
DH and DL Shutdown Range2
VCOMP
COMP not regulated
0.45
V
Maximum Duty Cycle Range2
VCOMP
4.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com