Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1972ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADP1972
Data Sheet
THEORY OF OPERATION
FREQ
SYNC
VIN
VBG = 1.252V
SYNC
DETECT
5µA
VREG
COMP
SS
FAULT
RS
GNDSENSE
EN
ADP1972
VREG
AD8450
AD8450
DMAX
SCFG
GND
TSD
VREG
UVLO
BAND GAP
MODE
VREG
DH
DL
DRIVE
LOGIC
OSCILLATOR
CONFIG
DETECT
CL
VREG
EXTERNAL
DRIVER
5V
15V
24V
VOUT
500mV
300mV
MODE
SELECT
4V
IFREQ
ISS
ICL
20µA
MODE
SELECT
PGND
AGND
1MΩ
1MΩ
1
MΩ
IFREQ
IFREQ
RCL
20kΩ
CIN
4.7µF
CVREG
1µF
COUT
L
M1
M2
RFREQ
CSS
RDMAX
CDMAX
VREG = 5V
VREG
8.5MΩ
Figure 16. Block Diagram
The ADP1972 is a constant frequency, voltage mode, PWM
controller for buck or boost, dc-to-dc, asynchronous
applications with an external, high voltage FET, half bridge
driver, and an external error signal generating device, such as
the AD8450. The ADP1972 has a high input voltage range,
multiple externally programmed control pins, and integrated
safety features.
SUPPLY PINS
The ADP1972 has two voltage supply pins, VIN and VREG.
The VIN pin operates from an external supply that ranges from
6 V to 60 V and is the supply voltage for the internal LDO
regulator of the ADP1972. Bypass the VIN pin to ground with a
4.7 µF or greater ceramic capacitor.
The VREG pin is the output of the internal LDO regulator. The
internal LDO regulator generates the 5 V (typical) rail that is
used internally to bias the control circuitry and can be used
externally as a pull-up voltage for the MODE, SYNC, DMAX,
and FAULT pins. Bypass the VREG pin to ground with a 1 µF
ceramic capacitor.
When operating with an input voltage above 50 V, additional
input filtering is necessary. Figure 17 shows the recommended
filter configuration.
VIN
SUPPLY > 50V
4.7µF
C
ADP1972
R
Figure 17. Recommended Filter Configuration for
Input Voltages Greater than 50 V
Rev. B | Page 10 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com