Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1972ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Buck or Boost, PWM Controller
for Battery Test Solutions
Data Sheet
ADP1972
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 6 V to 60 V
On-board 5 V low dropout regulator
Selective buck or boost mode
Excellent PWM linearity with high amplitude PWM sawtooth
4.0 V p-p
FAULT input compatible with AD8450
COMP input compatible with AD8450
Adjustable frequency from 50 kHz to 300 kHz
Synchronization output or input with adjustable phase shift
Programmable maximum duty cycle
Maximum internal duty cycle: 98%
Programmable soft start
Peak hiccup current limit protection
Input voltage UVLO protection
TSD protection
16-lead TSSOP
APPLICATIONS
PWM battery test systems with recycle capability including
hybrid vehicles, PCs, and camera batteries
Compatible with AD8450 constant voltage (CV) and constant
current (CC) monitors
GENERAL DESCRIPTION
The ADP1972 is a constant frequency, voltage mode, pulse-width
modulation (PWM) controller for buck or boost, dc-to-dc,
asynchronous applications. The ADP1972 is designed for use in
asynchronous battery testing applications with an external, high
voltage field effect transistor (FET), half bridge driver, and an
external control device, such as the AD8450. The asynchronous
device operates as a buck converter in battery charge mode and
operates as a boost converter in recycle mode to recycle energy
to the input bus.
The ADP1972 high voltage, VIN supply pin can withstand a
maximum operating voltage of 60 V and reduces the need for
additional system supply voltages. The ADP1972 has integrated
features such as precision enable, pin selective buck or boost
mode operation, internal and external synchronization control
with programmable phase shift, programmable maximum duty
cycle, and programmable peak hiccup current limit. Additional
protection features include soft start to limit input inrush current
during startup, input voltage undervoltage lockout (UVLO),
and thermal shutdown (TSD). The ADP1972 also has a COMP
pin to provide external control of the PWM operation and a
FAULT pin that can be signaled to disable the DH and DL
outputs if a fault condition occurs externally to the ADP1972.
The ADP1972 is available in a 16-lead TSSOP package.
TYPICAL APPLICATION CIRCUIT
DH
DL
CL
GND
24V RECYLCING
DC BUS
VIN
24V
EN
COMP
FAULT
MODE
FROM
CENTRAL PC
FROM
ANALOG IC
ADP1972
VREG
FREQ
SYNC
DMAX
SCFG
SS
GNDSENSE
HV
MOSFET
DRIVER
Figure 1.


Similar Part No. - ADP1972ARUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP197 AD-ADP197 Datasheet
277Kb / 13P
5 V, 3 A Logic Controlled High-Side Power Switch
Rev. C
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
ADP1974-EVALZ AD-ADP1974-EVALZ Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
ADP1974ARUZ-R7 AD-ADP1974ARUZ-R7 Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
More results

Similar Description - ADP1972ARUZ-R7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
Buck or Buck-Boost(Inverting) Current Mode Controller
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
logo
Vincotech
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
Buck-Boost for battery management
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
Maxim Integrated Produc...
MAX25612EVKIT MAXIM-MAX25612EVKIT Datasheet
652Kb / 6P
Configured for Boost or Buck-Boost Mode
Rev 0; 9/19
logo
Analog Devices
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com