Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1972ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADP1972
Data Sheet
Rev. B | Page 4 of 18
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PRECISION ENABLE LOGIC (EN)
Maximum EN Pin Voltage
60
V
EN Threshold Rising
1.25
1.4
V
EN Threshold Falling
1.1
1.22
V
EN Pin Current
VEN = 5 V
0.32
2
μA
MODE LOGIC
Maximum MODE Pin Voltage
5.5
V
MODE Threshold Rising
1.20
1.5
V
MODE Threshold Falling
0.7
1.05
V
CURRENT LIMIT (CL)
Set Current
ICL
VCL = 0 V
18
20
21
μA
Buck Internal Reference
VREF (BUCK)
250
300
350
mV
Boost Internal Reference
VREF (BOOST)
450
500
550
mV
Hiccup Detect Time
RFREQ = 100 kΩ
4.4
5.2
6.1
ms
Hiccup Off-Time
RFREQ = 100 kΩ
4.4
5.2
6.1
ms
VREG
LDO Regulator Output Voltage
VVREG
VIN = 6 V to 60 V
4.9
5
5.1
V
Guaranteed Output Current
IOUT (MAX)
VIN = 6 V
5
mA
Line Regulation
VIN = 6 V to 60 V
5
5.1
V
Load Regulation
VIN = 6 V, IOUT = 0 mA to 5 mA
5
5.1
V
FAULT
Maximum FAULT Pin Voltage
60
V
FAULT Threshold Rising
1.2
1.5
V
FAULT Threshold Falling
0.7
1.05
V
FAULT Pin Current
VFAULT = 5 V
0.49
2
μA
PWM DRIVE LOGIC SIGNALS (DH/DL)
DL Drive Voltage
VDL
No load
VREG
V
DH Drive Voltage
VDH
No load
VREG
V
DL and DH Sink Resistance
IDL = 10 mA
1.2
2.4
Ω
DL and DH Source Resistance
IDL = 10 mA
1.4
2.6
Ω
DL and DH Pull-Down Resistor
0.5
1
1.5
THERMAL SHUTDOWN (TSD)
TSD Threshold Rising
150
°C
TSD Threshold Falling
135
°C
1 The DMAX and SCFG current matching specification is calculated by taking the absolute value of the difference between the measured ISCFG and IDMAX currents, dividing
them by the 11 μA typical value, and multiplying this answer by 100.
100
μA
11
(%)
DMAX
SCFG
I
I
t Matching
CFG Curren
DMAX and S
2 See Figure 11 for a graph of the duty cycle vs. the applied COMP pin voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com