Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1972ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ADP1972
Data Sheet
ADJUSTING THE SOFT START PERIOD
The ADP1972 has a programmable soft start feature that
prevents output voltage overshoot during startup. Refer to
Figure 18 for a soft start diagram. Use the following equation to
calculate the delay time before switching is enabled (tREG):
SS
SS
REG
C
I
t
×
= 0.52
(12)
where ISS = 5 µA, typical.
A CSS capacitor is not required for the ADP1972. When the CSS
capacitor is not used, the internal 5 µA (typical) current source
immediately pulls the SS pin voltage to VREG. When a CSS
capacitor is not used, there is no soft start control internal to the
ADP1972, and the system could produce a large output overshoot
and a large peak inductor spike during startup. When a CSS is
not used, ensure that the output overshoot is not large enough
to trip the hiccup current limit during startup.
Rev. B | Page 16 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com