Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1972ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADP1972
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADP1972
TOP VIEW
(Not to Scale)
DH
VREG
VIN
SYNC
MODE
EN
DL
FAULT
GNDSENSE
GND
SCFG
SS
COMP
DMAX
FREQ
CL
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DL
Logic Drive Low Output for External Low-Side MOSFET Driver.
2
DH
Logic Drive High Output for External High-Side MOSFET Driver.
3
VREG
Internal Low Dropout (LDO) Voltage Regulator Output and Internal Bias Supply. A bypass capacitance of 1 µF or
greater from this pin to ground is required.
4
VIN
High Input Voltage Supply Pin. Bypass this pin with a 4.7 µF capacitor to ground.
5
EN
Logic Enable Input. Drive EN logic low to shut down the device. Drive EN logic high to turn on the device.
6
MODE
Mode Select. Drive MODE logic low to place the device in boost/recycle mode. Drive MODE logic high to place
the device in buck/charge mode of operation.
7
SYNC
Synchronization Pin. This pin is used as an input and synchronized to an external clock or used as an output
clock to synchronize with other channels.
8
FAULT
Fault Input Pin. Signaled by an overcurrent protection (OCP) or overvoltage protection (OVP) fault condition on
the companion ASIC, AD8450. The ADP1972 is disabled until this pin is logic high.
9
COMP
Output Error Amplifier Signal from the companion ASIC, AD8450. This pin is the error input to the ADP1972 and
is compared internally to the linear ramp to produce the PWM signal. Do not leave this pin floating.
10
SS
Soft Start Control Pin. A capacitor connected from SS to ground brings the output up slowly during power-up
and reduces the inrush current.
11
DMAX
Maximum Duty Cycle Input. Connect an external resistor to ground to set the maximum duty cycle. If the 98%
internal maximum duty cycle is sufficient for the application, tie this pin to VREG. If DMAX is left floating, this
pin is internally tied to VREG.
12
FREQ
Frequency Set Pin. Connect an external resistor between this pin and ground to set the frequency between
50 kHz and 300 kHz.
13
SCFG
Synchronization Configuration Input. Drive VSCFG ≥ 4.53 V to configure SYNC as an output clock signal. Drive
VSCFG < 4.25 V to configure SYNC as an input. Connect a resistor to ground with 0.65 V < VSCFG < 4.25 V to
introduce a phase shift to the synchronized clock. Drive VSCFG ≤ 0.5 V to configure SYNC as an input with no
phase shift so that it synchronizes the device to an external clock source. If SCFG is left floating, the SYNC pin
is internally tied to VREG, and SYNC is configured as an output.
14
GND
Power and Analog Ground Pin.
15
GNDSENSE
Ground Sense for the Current-Limit Setting Resistor.
16
CL
Current-Limit Programming Pin. Connect a current-limit sense resistor in series with the FET source to set the
peak current limit.
Rev. B | Page 6 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com