Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1972ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADP1972
PCB LAYOUT GUIDELINES
For high efficiency, good regulation, and stability, a well
designed PCB layout is required.
Use the following guidelines when designing the PCB (see
Figure 16 for the block diagram and Figure 2 for the pin
configuration).
•
Keep the low effective series resistance (ESR) input supply
capacitor for VIN (CIN) as close as possible to the VIN and
GND pins to minimize noise being injected into the device
from board parasitic inductance.
•
Keep the low ESR input supply capacitor for VREG (CVREG)
as close as possible to the VREG and GND pins to
minimize noise being injected into the device from board
parasitic inductance.
•
Place the components for the SCFG, FREQ, DMAX, and SS
pins close to the corresponding pins. Tie these components
collectively to an AGND plane that makes a Kelvin connection
to the GND pin.
•
Keep the trace from the COMP pin to the accompanying
device (for example, AD8450) as short as possible. Avoid
routing this trace near switching signals and shield the
trace if possible.
•
Place any trace or components for the SYNC pin away from
sensitive analog nodes. When using an external pull-up, it is
best to use a local 0.1 µF bypass capacitor from the supply
of the pull-up resistor to GND.
•
Keep the traces from the DH and DL pins to the external
components as short as possible to minimize parasitic
inductance and capacitance, which affect the control
signal. The DH and DL pins are switching nodes; do not
route them near any sensitive analog circuitry.
•
Keep high current traces as short and as wide as possible.
•
Connect the ground connection of the ADP1972 directly
to the ground connection of the current sense, RS, resistor.
•
Connect CL through a 20 kΩ resistor directly to RS.
•
Use a Kelvin connection shown in Figure 24 and Figure 25
from the following:
o
The GND pin to the ground point for RS
o
The GNDSENSE pin to the ground point for RS
o
The system power ground to the ground point of RS
Extra resistance due to PCB routing introduces a voltage
difference between the GND pin and the GNDSENSE pin.
This voltage difference must not exceed ±0.3 V.
•
When building a system with a master and multiple slave
devices, the capacitance of the trace attached to the SYNC
pin must be minimized.
o
For small systems with only a few slave devices, a
resistor connected in series between the master SYNC
signal and the slave SYNC input pins limits the
capacitance of the trace and reduces the fast ground
currents that can inject noise into the master device.
o
For larger applications, the series resistance is not
enough to isolate the master SYNC clock. In larger
systems, use an external buffer to reduce the
capacitance of the trace. The external buffer has the
drive capability to support a large number of slave
devices.
RS
GNDSENSE
GND
CL
RCL
20kΩ
NMOS
POWER
FET
SOURCE
GROUND
BUS
Figure 24. Recommended RS Kelvin Ground Connection
CL
GNDSENSE
GND
Figure 25. Recommended RS Kelvin Ground Connection on PCB Layout
Rev. B | Page 17 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com