Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1972ARUZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1972ARUZ-R7
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972ARUZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1972ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1972ARUZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADP1972
MAXIMUM DUTY CYCLE
The maximum duty cycle of the ADP1972 can be externally
programmed to any value between 0% and 98% via an external
resistor on the DMAX pin connected from DMAX to ground.
The maximum duty cycle defaults to 98% if DMAX is left
floating, is tied to VREG, or is programmed to a value greater
than 98%.
EXTERNAL FAULT SIGNALING
The ADP1972 is equipped with a FAULT pin that signals the
ADP1972 when an external fault condition occurs. The external
fault signal stops PWM operation of the system to avoid damage to
the application and components. When a voltage less than 1.05
V (typical) is applied to the FAULT pin, the ADP1972 disables.
In this state, the DL and DH PWM drive signals are both driven
low to prevent switching of the system dc-to-dc converter, and
the soft start is reset. When a voltage greater than 1.20 V
(typical) is applied to the FAULT pin, the ADP1972 begins
switching. A voltage ranging from 0 V to 60 V can be applied to
the FAULT pin of the ADP1972.
THERMAL SHUTDOWN (TSD)
The ADP1972 has a TSD protection circuit. The thermal
shutdown triggers and disables switching when the junction
temperature of the ADP1972 reaches 150°C (typical). While in
TSD, the DL and DH signals are driven low and the CSS capacitor
discharges to ground. VREG remains high. When the junction
temperature decreases to 135°C (typical), the ADP1972 restarts
the application control loop.
Rev. B | Page 13 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com