Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 41 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 41 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 37Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 38Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 39Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 40Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 41Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 42Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 43Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 44Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
Table 40: MR17 PASR Segment Mask (MA[7:0] = 011h)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Segment mask
Note:
1. This table applies for 1Gb to 8Gb devices only.
Table 41: MR17 PASR Segment Mask Definitions (1Gb - 8Gb only)
Feature
Type
OP
Definition
Segment[7:0] mask
Write-only
OP[7:0]
0b: refresh enable to the segment: = unmasked (default)
1b: refresh blocked: = masked
Table 42: MR17 PASR Row Address Ranges in Masked Segments
Segment
OP
Segment Mask
1Gb
2Gb, 4Gb
8Gb
R[12:10]
R[13:11]
R[14:12]
0
0
XXXXXXX1
000b
1
1
XXXXXX1X
001b
2
2
XXXXX1XX
010b
3
3
XXXX1XXX
011b
4
4
XXX1XXXX
100b
5
5
XX1XXXXX
101b
6
6
X1XXXXXX
110b
7
7
1XXXXXXX
111b
Note:
1. X is “Don’t Care” for the designated segment.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
41
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com