Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 65 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 65 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 61Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 62Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 63Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 64Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 65Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 66Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 67Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 68Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 69Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
tRRD has been satisfied after the prior ACTIVATE command (when applicable, for ex-
ample after activating a row in a different bank than the one affected by the REFpb
command)
The target bank is inaccessible during per-bank REFRESH cycle time (tRFCpb); howev-
er, other banks within the device are accessible and can be addressed during the cycle.
During the REFpb operation, any of the banks other than the one being refreshed can
be maintained in an active state or accessed by a READ or WRITE command.
When the per-bank REFRESH cycle has completed, the affected bank will be in the idle
state.
After issuing REFpb, the following conditions must be met:
• tRFCpb must be satisfied before issuing a REFab command
• tRFCpb must be satisfied before issuing an ACTIVATE command to the same bank
• tRRD must be satisfied before issuing an ACTIVATE command to a different bank
• tRFCpb must be satisfied before issuing another REFpb command
An all-bank REFRESH command (REFab) issues a REFRESH command to all banks. All
banks must be idle when REFab is issued (for instance, by issuing a PRECHARGE ALL
command prior to issuing an all-bank REFRESH command). REFab also synchronizes
the bank count between the controller and the SDRAM to zero. The REFab command
must not be issued to the device until the following conditions have been met:
• tRFCab has been satisfied following the prior REFab command
• tRFCpb has been satisfied following the prior REFpb command
• tRP has been satisfied following the prior PRECHARGE commands
After an all-bank REFRESH cycle has completed, all banks will be idle. After issuing RE-
Fab:
• tRFCab latency must be satisfied before issuing an ACTIVATE command
• tRFCab latency must be satisfied before issuing a REFab or REFpb command
Table 49: REFRESH Command Scheduling Separation Requirements
Symbol
Minimum
Delay From
To
Notes
tRFCab
REFab
REFab
ACTIVATE command to any bank
REFpb
tRFCpb
REFpb
REFab
ACTIVATE command to same bank as REFpb
REFpb
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
REFRESH Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
65
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com