Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 31 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 31 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 27Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 28Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 29Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 30Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 31Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 32Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 33Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 34Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 35Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
DQ, DM, DQS_t, and DQS_c voltage levels must be between VSSQ and VDDQ during the
power-off sequence to avoid latchup. CK_t, CK_c, CS_n, and CA input levels must be be-
tween VSS and VDD2 during the power-off sequence to avoid latchup.
Tx is the point where any power supply drops below the minimum value specified in
the Recommended DC Operating Conditions table.
Tz is the point where all power supplies are below 300mV. After Tz, the device is pow-
ered off.
Required Power Supply Conditions Between Tx and Tz:
•VDD1 must be greater than VDD2 - 200mV
•VDD1 must be greater than VDDQ - 200mV
•VREF must always be less than all other supply voltages
The voltage difference between VSS and VSSQ must not exceed 100mV.
For supply and reference voltage operating conditions, see Recommended DC Operat-
ing Conditions table.
Uncontrolled Power-Off Sequence
When an uncontrolled power-off occurs, the following conditions must be met:
• At Tx, when the power supply drops below the minimum values specified in the Rec-
ommended DC Operating Conditions table, all power supplies must be turned off and
all power-supply current capacity must be at zero, except for any static charge re-
maining in the system.
• After Tz, the point at which all power supplies first reach 300mV, the device must pow-
er off. The time between Tx and Tz must not exceed tPOFF. During this period, the rel-
ative voltage between power supplies is uncontrolled. VDD1 and VDD2 must decrease
with a slope lower than 0.5 V/μs between Tx and Tz.
An uncontrolled power-off sequence can occur a maximum of 400 times over the life of
the device.
Table 11: Power-Off Timing
Parameter
Symbol
Min
Max
Unit
Maximum power-off ramp time
tPOFF
–
2
sec
Mode Register Definition
The LPDDR2 device contains a set of mode registers used for programming device op-
erating parameters, reading device information and status, and for initiating special op-
erations such as DQ calibration, ZQ calibration, and device reset.
Mode Register Assignments and Definitions
The MRR command is used to read from a register. The MRW command is used to write
to a register. An “R” in the access column of the mode register assignment table indi-
cates read-only; a “W” indicates write-only; “R/W” indicates read or write capable or
enabled.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
31
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com