Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 14 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 14 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 10Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 11Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 12Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 13Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 14Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 15Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 16Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 17Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 18Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
Table 7: IDD Specifications – Dual Die, Dual Channel (Continued)
VDD2, VDDQ = 1.14–1.30V; VDD1 = 1.70–1.95V; TC = –40°C to +105°C
Symbol
Supply
Speed
Unit
Parameter/Condition
1066
IDD3NS1
VDD1
2.8
mA
All devices in active non power-down standby current
with clock stop
CK_t = LOW, CK_c = HIGH; CKE is HIGH;
CS_n is HIGH; One bank is active;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD3NS2
VDD2, VDDQ
30
IDD4R1
VDD1
4
mA
All devices in operating burst read
tCK = tCK(avg) MIN;
CS_n is HIGH between valid commands;
One bank is active; BL = 4; RL = RL (MIN);
CA bus inputs are SWITCHING;
50% data change occurs at each burst transfer
IDD4R2
VDD2, VDDQ
840
IDD4W1
VDD1
4
mA
All devices in operating burst write
tCK = tCK(avg) MIN;
CS_n is HIGH between valid commands;
One bank is active; BL = 4; WL = WL (MIN);
CA bus inputs are SWITCHING;
50% data change occurs at each burst transfer
IDD4W2
VDD2, VDDQ
300
IDD51
VDD1
40
mA
All devices in all bank auto-refresh
tCK = tCK(avg) MIN;
CKE is HIGH between valid commands;
tRC = tRFCab (MIN); Burst refresh;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD52
VDD2, VDDQ
240
IDD5AB1
VDD1
12
mA
All devices in all bank auto-refresh
tCK = tCK(avg) MIN;
CKE is HIGH between valid commands;
tRC = tREFI;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD5AB2
VDD2, VDDQ
56
IDD5PB1
VDD1
12
mA
All devices in per bank auto-refresh
tCK = tCK(avg) MIN;
CKE is HIGH between valid commands;
tRC = tREFIpb;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD5PB2
VDD2, VDDQ
56
Notes:
1. Published IDD values are the maximum of the distribution of the arithmetic mean.
2. IDD current specifications are tested after the device is properly initialized.
3. VDD2 and VDDQ are connected internally in the package.
4. The Quad die product IDD for each channel will be the sum of the IDD's for the state of
operation for each rank (CS) in the channel.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
IDD Specifications
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
14
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com