Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 75 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 75 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 71Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 72Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 73Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 74Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 75Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 76Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 77Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 78Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 79Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
Partial-Array Self Refresh – Bank Masking
Any device of densities of 64Mb–512Mb is comprised of four banks; a device of 1Gb
density or higher is comprised of eight banks. Each bank can be configured independ-
ently whether or not a SELF REFRESH operation will occur in that bank. One 8-bit
mode register (accessible via the MRW command) is assigned to program the bank-
masking status of each bank up to eight banks. For bank masking bit assignments, see
the MR16 PASR Bank Mask (MA[7:0] = 010h) and MR16 Op-Code Bit Definitions tables.
The mask bit to the bank enables or disables a refresh operation of the entire memory
space within the bank. If a bank is masked using the bank mask register, a REFRESH op-
eration to the entire bank is blocked and bank data retention is not guaranteed in self
refresh mode. To enable a REFRESH operation to a bank, the corresponding bank mask
bit must be programmed as “unmasked.” When a bank mask bit is unmasked, the array
space being refreshed within that bank is determined by the programmed status of the
segment mask bits.
Partial-Array Self Refresh – Segment Masking
Programming segment mask bits is similar to programming bank mask bits. For a den-
sity of 1Gb or higher, eight segments are used for masking (see the MR17 PASR Segment
Mask (MA[7:0] = 011h) and MR17 PASR Segment Mask Definitions tables). A mode reg-
ister is used for programming segment mask bits up to eight bits. For a density of less
than 1Gb, segment masking is not supported.
When the mask bit to an address range (represented as a segment) is programmed as
“masked,” a REFRESH operation to that segment is blocked. Conversely, when a seg-
ment mask bit to an address range is unmasked, refresh to that segment is enabled.
A segment masking scheme can be used in place of or in combination with a bank
masking scheme. Each segment mask bit setting is applied across all banks. For seg-
ment masking bit assignments, see the tables noted above.
Table 50: Bank and Segment Masking Example
Segment Mask (MR17) Bank 0 Bank 1 Bank 2 Bank 3 Bank 4 Bank 5 Bank 6 Bank 7
Bank Mask (MR16)
0
100000
1
Segment 0
0–
M
–––––
M
Segment 1
0–
M
–––––
M
Segment 2
1
M
M
M
M
M
M
M
M
Segment 3
0–
M
–––––
M
Segment 4
0–
M
–––––
M
Segment 5
0–
M
–––––
M
Segment 6
0–
M
–––––
M
Segment 7
1
M
M
M
M
M
M
M
M
Note:
1. This table provides values for an 8-bank device with REFRESH operations masked to
banks 1 and 7, and segments 2 and 7.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
SELF REFRESH Operation
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
75
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com