Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 100 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 100 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 96Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 97Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 98Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 99Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 100Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 101Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 102Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 103Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 104Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
Table 57: Current State Bank n to Command to Bank m Truth Table (Continued)
Notes 1–6 apply to all parameters and conditions
Current State
of Bank n
Command to Bank m Operation
Next State for Bank m
Notes
Reading
(auto precharge
disabled)
READ
Select column and start READ burst
from bank m
Reading
9
WRITE
Select column and start WRITE burst to
bank m
Writing
9, 14
ACTIVATE
Select and activate row in bank m
Active
PRECHARGE
Deactivate row(s) in bank or banks
Precharging
10
Writing
(auto precharge
disabled)
READ
Select column and start READ burst
from bank m
Reading
9, 15
WRITE
Select column and start WRITE burst to
bank m
Writing
9
ACTIVATE
Select and activate row in bank m
Active
PRECHARGE
Deactivate row(s) in bank or banks
Precharging
10
Reading with
auto precharge
READ
Select column and start READ burst
from bank m
Reading
9, 16
WRITE
Select column and start WRITE burst to
bank m
Writing
9, 14, 16
ACTIVATE
Select and activate row in bank m
Active
PRECHARGE
Deactivate row(s) in bank or banks
Precharging
10
Writing with
auto precharge
READ
Select column and start READ burst
from bank m
Reading
9, 15, 16
WRITE
Select column and start WRITE burst to
bank m
Writing
9, 16
ACTIVATE
Select and activate row in bank m
Active
PRECHARGE
Deactivate row(s) in bank or banks
Precharging
10
Power-on
RESET
Begin device auto initialization
Resetting
17, 18
Resetting
MRR
Read value from mode register
Resetting MR reading
Notes:
1. This table applies when: the previous state was self refresh or power-down; after tXSR
or tXP has been met; and both CKEn -1 and CKEn are HIGH.
2. All states and sequences not shown are illegal or reserved.
3. Current state definitions:
Idle: The bank has been precharged and tRP has been met.
Active: A row in the bank has been activated, tRCD has been met, no data bursts or ac-
cesses and no register accesses are in progress.
Read: A READ burst has been initiated with auto precharge disabled and the READ has
not yet terminated or been terminated.
Write: A WRITE burst has been initiated with auto precharge disabled and the WRITE
has not yet terminated or been terminated.
4. Refresh, self refresh, and MRW commands can be issued only when all banks are idle.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Truth Tables
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
100
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com