Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 37 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 37 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 33Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 34Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 35Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 36Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 37Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 38Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 39Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 40Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 41Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
Table 24: MR4 Op-Code Bit Definitions
Notes 1–8 apply to all parameters and conditions
Feature
Type
OP
Definition
SDRAM refresh
rate
Read-only
OP[2:0]
000b: SDRAM low temperature operating limit exceeded
001b: 4 × tREFI, 4 × tREFIpb, 4 × tREFW
010b: 2 × tREFI, 2 × tREFIpb, 2 × tREFW
011b: 1 × tREFI, 1 × tREFIpb, 1 × tREFW (
≤85˚C)
100b: Reserved
101b: 0.25 × tREFI, 0.25 × tREFIpb, 0.25 × tREFW, do not derate SDRAM AC
timing
110b: 0.25 × tREFI, 0.25 × tREFIpb, 0.25 × tREFW, derate SDRAM AC timing
111b: SDRAM high temperature operating limit exceeded
Temperature up-
date flag (TUF)
Read-only
OP7
0b: OP[2:0] value has not changed since last read of MR4
1b: OP[2:0] value has changed since last read of MR4
Notes:
1. A MODE REGISTER READ from MR4 will reset OP7 to 0.
2. OP7 is reset to 0 at power-up.
3. If OP2 = 1, the device temperature is greater than 85˚C.
4. OP7 is set to 1 if OP[2:0] has changed at any time since the last MR4 read.
5. The device might not operate properly when OP[2:0] = 000b or 111b.
6. For specified operating temperature range and maximum operating temperature, refer
to the Operating Temperature Range table.
7. LPDDR2 devices must be derated by adding 1.875ns to the following core timing param-
eters: tRCD, tRC, tRAS, tRP, and tRRD. The tDQSCK parameter must be derated as speci-
fied in AC Timing. Prevailing clock frequency specifications and related setup and hold
timings remain unchanged.
8. The recommended frequency for reading MR4 is provided in Temperature Sensor.
Table 25: MR5 Basic Configuration 1 (MA[7:0] = 05h)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
LPDDR2 Manufacturer ID
Table 26: MR5 Op-Code Bit Definitions
Feature
Type
OP
Definition
Manufacturer ID
Read-only
OP[7:0]
00000011b
All others: Reserved
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
37
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com