Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 59 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 59 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 55Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 56Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 57Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 58Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 59Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 60Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 61Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 62Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 63Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
Table 47: Bank Selection for PRECHARGE by Address Bits
AB (CA4r)
BA2 (CA9r)
BA1 (CA8r)
BA0 (CA7r)
Precharged Bank(s) 4-
Bank Device
Precharged Bank(s) 8-
Bank Device
0000
Bank 0 only
Bank 0 only
0001
Bank 1 only
Bank 1 only
0010
Bank 2 only
Bank 2 only
0011
Bank 3 only
Bank 3 only
0100
Bank 0 only
Bank 4 only
0101
Bank 1 only
Bank 5 only
0110
Bank 2 only
Bank 6 only
0111
Bank 3 only
Bank 7 only
1
Don’t Care
Don’t Care
Don’t Care
All banks
All banks
READ Burst Followed by PRECHARGE
For the earliest possible precharge, the PRECHARGE command can be issued BL/2
clock cycles after a READ command. A new bank ACTIVATE command can be issued to
the same bank after the row precharge time (tRP) has elapsed. A PRECHARGE com-
mand cannot be issued until after tRAS is satisfied.
The minimum READ-to-PRECHARGE time (tRTP) must also satisfy a minimum analog
time from the rising clock edge that initiates the last 4-bit prefetch of a READ com-
mand. tRTP begins BL/2 - 2 clock cycles after the READ command.
If the burst is truncated by a BST command, the effective BL value is used to calculate
when tRTP begins.
Figure 36: READ Burst Followed by PRECHARGE – RL = 3, BL = 8, RU(tRTP(MIN)/tCK) = 2
Bank m
col addr a Col addr a
READ
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
RL = 3
tRP
Transitioning data
NOP
NOP
PRECHARGE
NOP
tRTP
NOP
D
OUT A4
D
OUT A5
D
OUT A6
D
OUT A7
D
OUT A0
D
OUT A1
D
OUT A2
D
OUT A3
ACTIVATE
NOP
Bank m
Bank m
row addr
Row addr
BL/2
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
PRECHARGE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
59
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com