Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 96 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 96 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 92Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 93Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 94Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 95Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 96Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 97Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 98Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 99Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 100Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
Table 54: Command Truth Table (Continued)
Notes 1–13 apply to all parameters conditions
Command
Command Pins
CA Pins
CK
Edge
CKE
CS_n
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
CA8
CA9
CK(n-1) CK(n)
Exit PD, SREF,
DPD
LH
H
X
XH
X
X
Notes:
1. All commands are defined by the current state of CS_n, CA0, CA1, CA2, CA3, and CKE at
the rising edge of the clock.
2. Bank addresses (BA) determine which bank will be operated upon.
3. AP HIGH during a READ or WRITE command indicates that an auto precharge will occur
to the bank associated with the READ or WRITE command.
4. X indicates a “Don’t Care” state, with a defined logic level, either HIGH (H) or LOW (L).
5. Self refresh exit and DPD exit are asynchronous.
6. VREF must be between 0 and VDDQ during self refresh and DPD operation.
7. CAxr refers to command/address bit “x” on the rising edge of clock.
8. CAxf refers to command/address bit “x” on the falling edge of clock.
9. CS_n and CKE are sampled on the rising edge of the clock.
10. Per-bank refresh is supported only in devices with eight banks.
11. The least-significant column address C0 is not transmitted on the CA bus, and is inferred
to be zero.
12. RFU needs to input “H” or “L“ (but a defined logic level).
13. AB “high”during Precharge command indicates that all bank Precharge will occur. In
this case, Bank Address is don’t care.
Table 55: CKE Truth Table
Notes 1–5 apply to all parameters and conditions; L = LOW, H = HIGH, X = “Don’t Care”
Current State
CKEn-1
CKEn
CS_n
Command n
Operation n
Next State
Notes
Active
power-down
L
L
X
X
Maintain active power-down
Active
power-down
L
H
H
NOP
Exit active power-down
Active
6, 7
Idle power-
down
L
L
X
X
Maintain idle power-down
Idle
power-down
L
H
H
NOP
Exit idle power-down
Idle
6, 7
Resetting idle
power-down
L
L
X
X
Maintain resetting power-down
Resetting
power-down
L
H
H
NOP
Exit resetting power-down
Idle or resetting 6, 7, 8
Deep power-
down
L
L
X
X
Maintain deep power-down
Deep
power-down
L
H
H
NOP
Exit deep power-down
Power-on
9
Self refresh
L
L
X
X
Maintain self refresh
Self refresh
L
H
H
NOP
Exit self refresh
Idle
10, 11
Bank(s) active
H
L
H
NOP
Enter active power-down
Active
power-down
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Truth Tables
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
96
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com