Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 108 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 108 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 104Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 105Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 106Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 107Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 108Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 109Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 112Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
Table 70: Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466
LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHDQ(AC)
AC input logic HIGH
VREF + 0.220
Note 2
VREF + 0.300
Note 2
V
1, 2
VILDQ(AC)
AC input logic LOW
Note 2
VREF - 0.220
Note 2
VREF - 0.300
V
1, 2
VIHDQ(DC)
DC input logic HIGH
VREF + 0.130
VDDQ
VREF + 0.200
VDDQ
V1
VILDQ(DC)
DC input logic LOW
VSS
VREF - 0.130
VSS
VREF - 0.200
V
1
VREFDQ(DC)
Reference voltage for
DQ and DM inputs
0.49 × VDDQ
0.51 × VDDQ
0.49 × VDDQ
0.51 × VDDQ
V
3, 4
Notes:
1. For DQ input-only pins. VREF = VREFDQ(DC).
2. See Overshoot and Undershoot Definition.
3. The AC peak noise on VREFDQ could prevent VREFDQ from deviating more than ±1% VDDQ
from VREFDQ(DC) (for reference, approximately ±12mV).
4. For reference, approximately. VDDQ/2 ±12mV.
VREF Tolerances
The DC tolerance limits and AC noise limits for the reference voltages VREFCA and
VREFDQ are illustrated below. This figure shows a valid reference voltage VREF(t) as a
function of time. VDD is used in place of VDD2 for VREFCA, and VDDQ for VREFDQ. VREF(DC)
is the linear average of VREF(t) over a very long period of time (for example, 1 second)
and is specified as a fraction of the linear average of VDDQ or VDD2, also over a very long
period of time (for example, 1 second). This average must meet the MIN/MAX require-
ments in the Single-Ended AC and DC Input Levels for CA and CS_n Inputs table. Addi-
tionally, VREF(t) can temporarily deviate from VREF(DC) by no more than ±1% VDD. VREF(t)
cannot track noise on VDDQ or VDD2 if doing so would force VREF outside these specifica-
tions.
Figure 69: VREF DC Tolerance and VREF AC Noise Limits
V
REF(DC)
V
REF(DC)max
V
DD/2
V
DD
V
SS
V
REF(DC)min
Time
V
REF(AC) noise
V
REF(t)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Single-Ended
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
108
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com