Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 121 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 121 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 117Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 118Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 119Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 120Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 121Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 122Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 123Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 124Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 125Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
Figure 79: HSUL_12 Driver Output Reference Load for Timing and Slew Rate
LPDDR2
V
REF
0.5 × V
DDQ
Output
C
LOAD = 5pF
V
TT = 0.5 × VDDQ
50
Ω
Note:
1. All output timing parameter values (tDQSCK, tDQSQ, tQHS, tHZ, tRPRE etc.) are reported
with respect to this reference load. This reference load is also used to report slew rate.
Output Driver Impedance
Output driver impedance is selected by a mode register during initialization. To achieve
tighter tolerances, ZQ calibration is required. Output specifications refer to the default
output drive unless specifically stated otherwise. The output driver impedance RON is
defined by the value of the external reference resistor RZQ as follows:
RONPU =
VDDQ - VOUT
ABS(IOUT)
When RONPD is turned off.
RONPD =
VOUT
When RONPU is turned off.
ABS(IOUT)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Driver Impedance
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
121
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com