Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 133 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 133 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 129Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 130Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 131Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 132Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 133Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 134Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 135Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 136Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 137Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 152 page
background image
Table 91: AC Timing (Continued)
Notes 1–2 apply to all parameters and conditions. AC timing parameters must satisfy the tCK minimum conditions (in mul-
tiples of tCK) as well as the timing specifications when values for both are indicated.
Parameter
Symbol
Min/
Max
tCK
Min
Data Rate
Unit Notes
1066
933
800
667
533
400
333
Calibration RESET time
tZQRESET
MIN
3
50
50
50
50
50
50
50
ns
READ Parameters3
DQS output access time from
CK_t/CK_c
tDQSCK
MIN
2500
2500 2500 2500 2500 2500 2500
ps
MAX
5500
5500 5500 5500 5500 5500 5500
DQSCK delta short
tDQSCKDS
MAX
330
380
450
540
670
900
1080
ps
4
DQSCK delta medium
tDQSCKDM
MAX
680
780
900
1050 1350 1800 1900
ps
5
DQSCK delta long
tDQSCKDL
MAX
920
1050 1200 1400 1800 2400
ps
6
DQS-DQ skew
tDQSQ
MAX
200
220
240
280
340
400
500
ps
Data-hold skew factor
tQHS
MAX
230
260
280
340
400
480
600
ps
DQS output HIGH pulse width
tQSH
MIN
tCH(abs) - 0.05
tCK
(avg)
DQS output LOW pulse width
tQSL
MIN
tCL(abs) - 0.05
tCK
(avg)
Data half period
tQHP
MIN
MIN (tQSH, tQSL)
tCK
(avg)
DQ/DQS output hold time from
DQS
tQH
MIN
tQHP - tQHS
ps
READ preamble
tRPRE
MIN
0.9
0.9
0.9
0.9
0.9
0.9
0.9
tCK
(avg)
7
READ postamble
tRPST
MIN
tCL(abs) - 0.05
tCK
(avg)
8
DQS Low-Z from clock
tLZ(DQS)
MIN
tDQSCK (MIN) - 300
ps
DQ Low-Z from clock
tLZ(DQ)
MIN
tDQSCK(MIN) - (1.4 × tQHS(MAX))
ps
DQS High-Z from clock
tHZ(DQS)
MAX
tDQSCK (MAX) - 100
ps
DQ High-Z from clock
tHZ(DQ)
MAX
tDQSCK(MAX) + (1.4 × tDQSQ(MAX))
ps
WRITE Parameters3
DQ and DM input hold time (VREF
based)
tDH
MIN
210
235
270
350
430
480
600
ps
DQ and DM input setup time (VREF
based)
tDS
MIN
210
235
270
350
430
480
600
ps
DQ and DM input pulse width
tDIPW
MIN
0.35
0.35
0.35
0.35
0.35
0.35
0.35
tCK
(avg)
Write command to first DQS latch-
ing transition
tDQSS
MIN
0.75
0.75
0.75
0.75
0.75
0.75
0.75
tCK
(avg)
MAX
1.25
1.25
1.25
1.25
1.25
1.25
1.25
tCK
(avg)
DQS input high-level width
tDQSH
MIN
0.4
0.4
0.4
0.4
0.4
0.4
0.4
tCK
(avg)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC Timing
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
133
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com