Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 146 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 146 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 142Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 143Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 144Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 145Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 146Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 147Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 148Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 149Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 150Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 152 page
background image
Table 97: Data Setup and Hold Base Values (>400 MHz, 1 V/ns Slew Rate) (Continued)
Parameter
Data Rate
Reference
1066
933
800
667
533
466
tDH (base)
80
105
140
220
300
320
VIH/VIL(DC) = VREF(DC) ±130mV
Note:
1. AC/DC referenced for 1 V/ns DQ, DM slew rate, and 2 V/ns differential DQS_t/DQS_c slew
rate.
Table 98: Data Setup and Hold Base Values (<400 MHz, 1 V/ns Slew Rate)
Parameter
Data Rate
Reference
400
333
266
200
tDS (base)
180
300
450
700
VIH/VIL(AC) = VREF(DC) ±300mV
tDH (base)
280
400
550
800
VIH/VIL(DC) = VREF(DC) ±200mV
Note:
1. AC/DC referenced for 1 V/ns DQ, DM slew rate, and 2 V/ns differential DQS_t/DQS_c slew
rate.
Table 99: Derating Values for AC/DC-Based tDS/tDH (AC220)
ΔtDS, ΔtDH derating in ps
AC220 Threshold -> VIH(ac)=VREF(dc)+220mV, VIL(ac)=VREF(dc)-220mV
DC130 Threshold -> VIH(dc)=VREF(dc)+130mV, VIL(dc)=VREF(dc)-130mV
DQS_t, DQS_c Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
Δ
ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH
DQ, DM
slew
rate
V/ns
2.0
110
65
110
65
110
65
1.5
74
43
73
43
73
43
89
59
1.0
0
0
0
0
00
16
16
32
32
0.9
-3
-5
-3
-5
13
11
29
27
45
43
0.8
-8
-13
8
3
24
19
40
35
56
55
0.7
2
-6
1810342650466678
0.6
10
-3
26
13
42
33
58
65
0.5
4
-4
20163648
0.4
-7
2
17
34
Note:
1. Shaded cells are not supported.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Data Setup, Hold, and Slew Rate Derating
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
146
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com