Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 15Page - National Semiconductor (TI) LM5035 Datasheet HTML 16Page - National Semiconductor (TI) LM5035 Datasheet HTML 17Page - National Semiconductor (TI) LM5035 Datasheet HTML 18Page - National Semiconductor (TI) LM5035 Datasheet HTML 19Page - National Semiconductor (TI) LM5035 Datasheet HTML 20Page - National Semiconductor (TI) LM5035 Datasheet HTML 21Page - National Semiconductor (TI) LM5035 Datasheet HTML 22Page - National Semiconductor (TI) LM5035 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Applications Information (Continued)
If the current sense resistor method is used, the over-current
condition will only be sensed while LO is driving the low-side
MOSFET. Over-current while HO is driving the high-side
MOSFET will not be detected. In this configuration, it will
take 4 times as long for continuous cycle-by-cycle current
limiting to initiate a restart event since each over-current
event during LO enables the 22µA RES pin current source
for one oscillator period, and then the lack of an over-current
event during HO enables the 12µA RES pin current sink for
one oscillator period. The time average of this toggling is
equivalent to a continuous 5µA current source into the RES
capacitor, increasing the delay by a factor of four. The value
of the RES capacitor can be reduced to decrease the time
before restart cycle is initiated.
HO, HB, HS and LO
Attention must be given to the PC board layout for the
low-side driver and the floating high-side driver pins HO, HB
and HS. A low ESR/ESL capacitor (such as a ceramic sur-
face mount capacitor) should be connected close to the
LM5035, between HB and HS to provide high peak currents
during turn-on of the high-side MOSFET. The capacitor
should be large enough to supply the MOSFET gate charge
(Qg) without discharging to the point where the drop in gate
voltage affects the MOSFET R
DS(ON). A value ten to twenty
times Qg is recommended.
The diode (D
BOOST) that charges CBOOST from VCC when
the low-side MOSFET is conducting should be capable of
withstanding the full converter input voltage range. When the
high-side MOSFET is conducting, the reverse voltage at the
diode is approximately the same as the MOSFET drain
voltage because the high-side driver is boosted up to the
converter input voltage by the HS pin, and the high side
MOSFET gate is driven to the HS voltage plus VCC. Since
the anode of D
BOOST is connected to VCC, the reverse
potential across the diode is equal to the input voltage minus
the VCC voltage. D
BOOST average current is less than 20mA
in most applications, so a low current ultra-fast recovery
diode is recommended to limit the loss due to diode junction
capacitance. Schottky diodes are also a viable option, par-
ticularly for lower input voltage applications, but attention
must be paid to leakage currents at high temperatures.
The internal gate drivers need a very low impedance path to
the respective decoupling capacitors; the VCC cap for the
LO driver and C
BOOST for the HO driver. These connections
should be as short as possible to reduce inductance and as
wide as possible to reduce resistance. The loop area, de-
fined by the gate connection and its respective return path,
should be minimized.
The high-side gate driver can also be used with HS con-
nected to PGND for applications other than a half bridge
converter (e.g. Push-Pull). The HB pin is then connected to
VCC, or any supply greater than the high-side driver under-
voltage lockout (approximately 6.5V). In addition, the high-
side driver can be configured for high voltage offline appli-
cations where the high-side MOSFET gate is driven via a
gate drive transformer.
PROGRAMMABLE DELAY (DLY)
The R
DLY resistor programs the delays between the SR1 and
SR2 signals and the HO and LO driver outputs. Figure 5
shows the relationship between these outputs. The DLY pin
is nominally set at 2.5V and the current is sensed through
R
DLY to ground. This current is used to adjust the amount of
deadtime before the HO and LO pulse (T1) and after the HO
and LO pulse (T2). Typically R
DLY is in the range of 10k
Ω to
100k
Ω. The deadtime periods can be calculated using the
following formulae:
T1=[R
DLY x 2.8ps] + 20ns
T2=[R
DLY x 1.35ps] + 6ns
T1 and T2 can be set to minimum by not connecting a
resistor to DLY, connecting a resistor greater than 300k
Ω
from DLY to ground, or connecting DLY to the REF pin. This
may cause lower than optimal system efficiency if the delays
through the SR signal transformer network, the secondary
gate drivers and the SR MOSFETs are greater than the
delay to turn on the HO or LO MOSFETs. Should an SR
MOSFET remain on while the opposing primary MOSFET is
supplying power through the power transformer, the second-
ary winding will experience a momentary short circuit, caus-
ing a significant power loss to occur.
When choosing the R
DLY value, worst case propagation
delays and component tolerances should be considered to
assure that there is never a time where both SR MOSFETs
are enabled AND one of the primary side MOSFETs is
enabled. The time period T1 should be set so that the SR
MOSFET has turned off before the primary MOSFET is
enabled. Conversely, T1 and T2 should be kept as low as
tolerances allow to optimize efficiency. The SR body diode
conducts during the time between the SR MOSFET turns off
and the power transformer begins supplying energy. Power
losses increase when this happens since the body diode
voltage drop is many times higher than the MOSFET chan-
nel voltage drop. The interval of body diode conduction can
be observed with an oscilloscope as a negative 0.7V to 1.5V
pulse at the SR MOSFET drain.
UVLO AND OVP VOLTAGE DIVIDER SELECTION FOR
R1, R2, AND R3
Two dedicated comparators connected to the UVLO and
OVP pins are used to detect under-voltage and over-voltage
conditions. The threshold value of these comparators, V
UVLO
and V
OVP, is 1.25V (typical). The two functions can be
programmed independently with two voltage dividers from
VIN to AGND as shown in Figure 10 and Figure 11, or with a
three-resistor divider as shown in Figure 12. Independent
UVLO and OVP pins provide greater flexibility for the user to
select the operational voltage range of the system. Hyster-
esis is accomplished by 23µA current sources (I
UVLO and
I
OVP), which are switched on or off into the sense pin resistor
dividers as the comparators change state.
When the UVLO pin voltage is below 0.4V, the controller is in
a low current shutdown mode. For a UVLO pin voltage
greater than 0.4V but less than 1.25V the controller is in
standby mode. Once the UVLO pin voltage is greater than
1.25V, the controller is fully enabled. Two external resistors
can be used to program the minimum operational voltage for
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com