Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5035 Datasheet HTML 1Page - National Semiconductor (TI) LM5035 Datasheet HTML 2Page - National Semiconductor (TI) LM5035 Datasheet HTML 3Page - National Semiconductor (TI) LM5035 Datasheet HTML 4Page - National Semiconductor (TI) LM5035 Datasheet HTML 5Page - National Semiconductor (TI) LM5035 Datasheet HTML 6Page - National Semiconductor (TI) LM5035 Datasheet HTML 7Page - National Semiconductor (TI) LM5035 Datasheet HTML 8Page - National Semiconductor (TI) LM5035 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM5035
PWM Controller with Integrated Half-Bridge and
SyncFET Drivers
General Description
The LM5035 Half-Bridge Controller/Gate Driver contains all
of the features necessary to implement half-bridge topology
power converters using voltage mode control with line volt-
age feed-forward. The floating high-side gate driver is ca-
pable of operating with supply voltages up to 105V. Both the
high-side and low-side gate drivers are capable of 2A peak.
An internal high voltage startup regulator is included, along
with programmable line undervoltage lockout (UVLO) and
overvoltage protection (OVP). The oscillator is programmed
with a single resistor to frequencies up to 2MHz. The oscil-
lator can also be synchronized to an external clock. A current
sense input and a programmable timer provide cycle-by-
cycle current limit and adjustable hiccup mode overload
protection.
Features
n
105V / 2A Half-Bridge Gate Drivers
n
Synchronous Rectifier Control Outputs with
Programmable Delays
n
High Voltage (105V) Start-up Regulator
n
Voltage mode Control with Line Feed-Forward and Volt
•
Second Limiting
n
Resistor Programmed, 2MHz Capable Oscillator
n
Patent Pending Oscillator Synchronization
n
Programmable Line Under-Voltage Lockout
n
Line Over-Voltage Protection
n
Internal Thermal Shutdown Protection
n
Adjustable Soft-Start
n
Versatile Dual Mode Over-Current Protection with
Hiccup Delay Timer
n
Cycle-by-Cycle Over-Current Protection
n
Direct Opto-coupler Interface
n
5V Reference Output
Packages
n
TSSOP-20EP (Thermally enhanced)
n
LLP-24 (4mm x 5mm)
Simplified Application Diagram
20177501
January 2006
© 2006 National Semiconductor Corporation
DS201775
www.national.com


Similar Part No. - LM5035

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5035 TI-LM5035 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035 TI2-LM5035 Datasheet
933Kb / 37P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
REVISED APRIL 2013
LM5035 TI2-LM5035 Datasheet
1Mb / 40P
LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2015
LM5035 TI2-LM5035 Datasheet
1Mb / 43P
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2016
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
More results

Similar Description - LM5035

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com