Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 18Page - National Semiconductor (TI) LM5035 Datasheet HTML 19Page - National Semiconductor (TI) LM5035 Datasheet HTML 20Page - National Semiconductor (TI) LM5035 Datasheet HTML 21Page - National Semiconductor (TI) LM5035 Datasheet HTML 22Page - National Semiconductor (TI) LM5035 Datasheet HTML 23Page - National Semiconductor (TI) LM5035 Datasheet HTML 24Page - National Semiconductor (TI) LM5035 Datasheet HTML 25Page - National Semiconductor (TI) LM5035 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Applications Information (Continued)
To maintain the threshold’s accuracy, a resistor tolerance of
1% or better is recommended.
The design process starts with the choice of the voltage
difference between the UVLO enabling and disabling thresh-
olds. This will also approximately set the difference between
OVP enabling and disabling regulation:
Next, the combined resistance of R
2 and R3 is calculated by
choosing the threshold for the UVLO disabling threshold:
Then R
3
is determined by selecting the OVP disabling
threshold:
Finally, R
3 is subtracted from RCOMBINED to give R2:
R
2 =RCOMBINED -R3
Remote configuration of the controller’s operational modes
can be accomplished with open drain device(s) connected to
the UVLO pin as shown in Figure 13.
FAULT PROTECTION
The Over Voltage Protection (OVP) comparator of the
LM5035 can be configured for line or load fault protection or
thermal protection using an external temperature sensor or
thermistor. Figure 11 shows a line over voltage shutdown
application using a voltage divider between the input power
supply, V
PWR, and AGND to monitor the line voltage.
Figure 14 demonstrates the use of the OVP pin for latched
output over-voltage fault protection, using a zener and opto-
coupler. When V
OUT exceeds the conduction threshold of
the opto-coupler diode and zener, the opto-coupler momen-
tarily turns on Q1 and the LM5035 enters standby mode,
disabling the drivers and enabling the hysteresis current
source on the OVP pin. Once the current source is enabled,
the OVP voltage will remain at 2.3V (23µA x 100k
Ω) without
additional drive from the external circuit. If the opto-coupler
transistor emitter were directly connected to the OVP pin,
then leakage current in the zener diode amplified by the
opto-coupler’s gain could falsely trip the protection latch. R1
and Q1 are added reduce the sensitivity to low level currents
in the opto-coupler. Using the values of Figure 14, the opto-
coupler collector current must equal V
BE(Q1) / R1 = 350µA
before OVP latches. Once the controller has switched to
standby mode, the outputs no longer switch but the VCC and
REF regulators continue functioning and supply bias to the
external circuitry. VCC must fall below 6.2V or the UVLO pin
must fall below 0.4V to clear the OVP latch.
20177536
FIGURE 13. Remote Standby and Disable Control
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com