Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5035 Datasheet HTML 1Page - National Semiconductor (TI) LM5035 Datasheet HTML 2Page - National Semiconductor (TI) LM5035 Datasheet HTML 3Page - National Semiconductor (TI) LM5035 Datasheet HTML 4Page - National Semiconductor (TI) LM5035 Datasheet HTML 5Page - National Semiconductor (TI) LM5035 Datasheet HTML 6Page - National Semiconductor (TI) LM5035 Datasheet HTML 7Page - National Semiconductor (TI) LM5035 Datasheet HTML 8Page - National Semiconductor (TI) LM5035 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5035MH
TSSOP-20EP
MXA20A
73 Units per Rail
LM5035MHX
TSSOP-20EP
MXA20A
2500 Units on Tape and Reel
LM5035SQ
LLP-24
SQA24B
Available Soon
LM5035SQX
LLP-24
SQA24B
Available Soon
Pin Descriptions
TSSOP
PIN
LLP
PIN
Name
Description
Application Information
1
23
RAMP
Modulator ramp signal
An external RC circuit from VIN sets the ramp slope. This pin
is discharged at the conclusion of every cycle by an internal
FET. Discharge is initiated by either the internal clock or the
Volt
• Second clamp comparator.
2
24
UVLO
Line Under-Voltage Lockout
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO
reaches the 0.4V threshold the VCC and REF regulators are
enabled. When UVLO reaches the 1.25V threshold, the SS pin
is released and the device enters the active mode. Hysteresis
is set by an internal current sink that pulls 23µA from the
external resistor divider.
3
2
OVP
Line Over-Voltage Protection
An external voltage divider from the power source sets the
shutdown levels. The threshold is 1.25V. Hysteresis is set by
an internal current source that sources 23µA into the external
resistor divider.
4
3
COMP
Input to the Pulse Width
Modulator
An external opto-coupler connected to the COMP pin sources
current into an internal NPN current mirror. The PWM duty
cycle is maximum with zero input current, while 1mA reduces
the duty cycle to zero. The current mirror improves the
frequency response by reducing the AC voltage across the
opto-coupler detector.
5
4
RT
Oscillator Frequency Control and
Sync Clock Input.
Normally biased at 2V. An external resistor connected between
RT and AGND sets the internal oscillator frequency. The
internal oscillator can be synchronized to an external clock with
a frequency higher than the free running frequency set by the
RT resistor.
6
5
AGND
Analog Ground
Connect directly to Power Ground.
7
6
CS
Current Sense input for current
limit
If CS exceeds 0.25V the output pulse will be terminated,
entering cycle-by-cycle current limit. An internal switch holds
CS low for 50ns after HO or LO switches high to blank leading
edge transients.
8
7
SS
Soft-start Input
An internal 55 µA current source charges an external capacitor
to set the soft-start rate. During a current limit restart
sequence, the internal current source is reduced to 1.2µA to
increase the delay before retry.
9
8
DLY
Timing programming pin for the
LO and HO to SR1 and SR2
outputs.
An external resistor to ground sets the timing for the
non-overlap time of HO to SR1 and LO to SR2.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com