Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 10Page - National Semiconductor (TI) LM5035 Datasheet HTML 11Page - National Semiconductor (TI) LM5035 Datasheet HTML 12Page - National Semiconductor (TI) LM5035 Datasheet HTML 13Page - National Semiconductor (TI) LM5035 Datasheet HTML 14Page - National Semiconductor (TI) LM5035 Datasheet HTML 15Page - National Semiconductor (TI) LM5035 Datasheet HTML 16Page - National Semiconductor (TI) LM5035 Datasheet HTML 17Page - National Semiconductor (TI) LM5035 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Overload Protection Timer (Continued)
Soft-Start
The soft-start circuit allows the regulator to gradually reach a
steady state operating point, thereby reducing start-up
stresses and current surges. When bias is supplied to the
LM5035, the SS pin capacitor is discharged by an internal
MOSFET. When the UVLO, VCC and REF pins reach their
operating thresholds, the SS capacitor is released and
charged with a 55µA current source. The PWM comparator
control voltage is clamped to the SS pin voltage by an
internal amplifier. When the PWM comparator input reaches
1V, output pulses commence with slowly increasing duty
cycle. The voltage at the SS pin eventually increases to 5V,
while the voltage at the PWM comparator increases to the
value required for regulation as determined by the voltage
feedback loop.
One method to shutdown the regulator is to ground the SS
pin. This forces the internal PWM control signal to ground,
reducing the output duty cycle quickly to zero. Releasing the
SS pin begins a soft-start cycle and normal operation re-
sumes. A second shutdown method is discussed in the
UVLO section.
Soft-Stop
If the UVLO pin voltage falls below the 1.25V standby thresh-
old but above the 0.4V shutdown threshold, the 55µA SS pin
source current is disabled and a 55µA sink current dis-
charges the soft-start capacitor. As SS voltage falls and
clamps the PWM comparator input, the PWM duty cycle will
gradually fall to zero. The soft-stop feature produces a
gradual reduction of the power converter output voltage. This
soft-stop method of turning off the converter reduces energy
in the output capacitor before control of the main and syn-
chronous rectification MOSFETs is disabled. The PWM
pulses may cease before the SS voltage reduces the duty
cycle if the VCC or REF voltage drops below the respective
under-voltage thresholds during the soft-stop process.
PWM Comparator
The pulse width modulation (PWM) comparator compares
the voltage ramp signal at the RAMP pin to the loop error
signal. This comparator is optimized for speed in order to
achieve minimum controllable duty cycles. The loop error
signal is received from the external feedback and isolation
circuit is in the form of a control current into the COMP pin.
The COMP pin current is internally mirrored by a matched
pair of NPN transistors which sink current through a 5k
Ω
resistor connected to the 5V reference. The resulting control
voltage passes through a 1V level shift before being applied
to the PWM comparator.
An opto-coupler detector can be connected between the
REF pin and the COMP pin. Because the COMP pin is
controlled by a current input, the potential difference across
the optocoupler detector is nearly constant. The bandwidth
limiting phase delay which is normally introduced by the
significant capacitance of the opto-coupler is thereby greatly
reduced. Higher loop bandwidths can be realized since the
bandwidth-limiting pole associated with the opto-coupler is
now at a much higher frequency. The PWM comparator
polarity is configured such that with no current into the
COMP pin, the controller produces the maximum duty cycle
at the main gate driver outputs, HO and LO.
Feed-Forward Ramp and Volt
•
Second Clamp
An external resistor (R
FF) and capacitor (CFF) connected to
VIN, AGND, and the RAMP pin are required to create the
PWM ramp signal. The slope of the signal at RAMP will vary
in proportion to the input line voltage. This varying slope
provides line feed-forward information necessary to improve
line transient response with voltage mode control. The
RAMP signal is compared to the error signal by the pulse
width modulator comparator to control the duty cycle of the
HO and LO outputs. With a constant error signal, the on-time
(T
ON) varies inversely with the input voltage (VIN) to stabilize
the Volt
• Second product of the transformer primary signal.
The power path gain of conventional voltage-mode pulse
width modulators (oscillator generated ramp) varies directly
with input voltage. The use of a line generated ramp (input
voltage feed-forward) nearly eliminates this gain variation.
As a result, the feedback loop is only required to make very
small corrections for large changes in input voltage.
In addition to the PWM comparator, a Volt
• Second Clamp
comparator also monitors the RAMP pin. If the ramp ampli-
20177517
FIGURE 4. Optocoupler to COMP Interface
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com