Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5035 Datasheet HTML 1Page - National Semiconductor (TI) LM5035 Datasheet HTML 2Page - National Semiconductor (TI) LM5035 Datasheet HTML 3Page - National Semiconductor (TI) LM5035 Datasheet HTML 4Page - National Semiconductor (TI) LM5035 Datasheet HTML 5Page - National Semiconductor (TI) LM5035 Datasheet HTML 6Page - National Semiconductor (TI) LM5035 Datasheet HTML 7Page - National Semiconductor (TI) LM5035 Datasheet HTML 8Page - National Semiconductor (TI) LM5035 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin Descriptions (Continued)
TSSOP
PIN
LLP
PIN
Name
Description
Application Information
10
9
RES
Restart Timer
If cycle-by-cycle current limit is exceeded during any cycle, a
22µA current is sourced to the RES pin capacitor. If the RES
capacitor voltage reaches 2.5V, the soft-start capacitor will be
fully discharged and then released with a pull-up current of
1.2µA. After the first output pulse at LO (when SS > COMP
offset, typically 1V), the SS pin charging current will revert to
55µA.
11
11
HB
Boost voltage for the HO driver
An external diode is required from VCC to HB and an external
capacitor is required from HS to HB to power the HO gate
driver.
12
12
HS
Switch node
Connection common to the transformer and both power
switches. Provides a return path for the HO gate driver.
13
13
HO
High side gate drive output.
Output of the high side PWM gate driver. Capable of sinking
2A peak current.
14
14
LO
Low side gate drive output.
Output of the low side PWM gate driver. Capable of sinking 2A
peak current.
15
15
PGND
Power Ground
Connect directly to Analog Ground.
16
16
VCC
Output of the high voltage
start-up regulator. The VCC
voltage is regulated to 7.6V.
If an auxiliary winding raises the voltage on this pin above the
regulation setpoint, the Start-up Regulator will shutdown, thus
reducing the internal power dissipation.
17
17
SR2
Synchronous rectifier driver
output.
Control output of the synchronous FET gate. Capable of 0.5A
peak current.
18
18
SR1
Synchronous rectifier driver
output.
Control output of the synchronous FET gate. Capable of 0.5A
peak current.
19
19
REF
Output of 5V Reference
Maximum output current is 20mA. Locally decoupled with a
0.1µF capacitor.
20
21
VIN
Input voltage source
Input to the Start-up Regulator. Operating input range is 13V to
100V with transient capability to 105V. For power sources
outside of this range, the LM5035 can be biased directly at
VCC by an external regulator.
EP
EP
EP
Exposed Pad, underside of
package
No electrical contact. Connect to system ground plane for
reduced thermal resistance.
1
NC
No connection
No electrical contact.
10
NC
No connection
No electrical contact.
20
NC
No connection
No electrical contact.
22
NC
No connection
No electrical contact.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com