Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 13Page - National Semiconductor (TI) LM5035 Datasheet HTML 14Page - National Semiconductor (TI) LM5035 Datasheet HTML 15Page - National Semiconductor (TI) LM5035 Datasheet HTML 16Page - National Semiconductor (TI) LM5035 Datasheet HTML 17Page - National Semiconductor (TI) LM5035 Datasheet HTML 18Page - National Semiconductor (TI) LM5035 Datasheet HTML 19Page - National Semiconductor (TI) LM5035 Datasheet HTML 20Page - National Semiconductor (TI) LM5035 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Applications Information
The following information is intended to provide guidelines
for the power supply designer using the LM5035.
VIN
The voltage applied to the VIN pin, which may be the same
as the system voltage applied to the power transformer’s
primary (V
PWR), can vary in the range of 13 to 105V. The
current into VIN depends primarily on the gate charge pro-
vided to the output drivers, the switching frequency, and any
external loads on the VCC and REF pins. It is recommended
the filter shown in Figure 6 be used to suppress transients
which may occur at the input supply. This is particularly
important when VIN is operated close to the maximum op-
erating rating of the LM5035.
When power is applied to VIN and the UVLO pin voltage is
greater than 0.4V, the VCC regulator is enabled and supplies
current into an external capacitor connected to the VCC pin.
When the voltage on the VCC pin reaches the regulation
point of 7.6V, the voltage reference (REF) is enabled. The
reference regulation set point is 5V. The HO, LO, SR1 and
SR2 outputs are enabled when the two bias regulators reach
their set point and the UVLO pin potential is greater than
1.25V. In typical applications, an auxiliary transformer wind-
ing is connected through a diode to the VCC pin. This
winding must raise the VCC voltage above 8.3V to shut off
the internal start-up regulator.
After the outputs are enabled and the external VCC supply
voltage has begun supplying power to the IC, the current into
VIN drops below 1 mA. VIN should remain at a voltage equal
to or above the VCC voltage to avoid reverse current through
protection diodes.
FOR APPLICATIONS >100V
For applications where the system input voltage exceeds
100V or the IC power dissipation is of concern, the LM5035
can be powered from an external start-up regulator as
shown in Figure 7. In this configuration, the VIN and the VCC
pins should be connected together, which allows the
LM5035 to be operated below 13V. The voltage at the VCC
pin must be greater than 8.3V yet not exceed 15V. An
auxiliary winding can be used to reduce the power dissipa-
tion in the external regulator once the power converter is
active. The NPN base-emitter reverse breakdown voltage,
which can be as low as 5V for some transistors, should be
considered when selecting the transistor.
CURRENT SENSE
The CS pin needs to receive an input signal representative
of the transformer’s primary current, either from a current
sense transformer or from a resistor in series with the source
of the LO switch, as shown in Figure 8 and Figure 9. In both
cases, the sensed current creates a ramping voltage across
R1, and the R
F/CF filter suppresses noise and transients.
R1, R
F and CF should be located as close to the LM5035 as
possible, and the ground connection from the current sense
transformer, or R1, should be a dedicated track to the AGND
pin. The current sense components must provide greater
than 0.25V at the CS pin when an over-current condition
exists.
20177522
FIGURE 6. Input Transient Protection
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com