Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 19Page - National Semiconductor (TI) LM5035 Datasheet HTML 20Page - National Semiconductor (TI) LM5035 Datasheet HTML 21Page - National Semiconductor (TI) LM5035 Datasheet HTML 22Page - National Semiconductor (TI) LM5035 Datasheet HTML 23Page - National Semiconductor (TI) LM5035 Datasheet HTML 24Page - National Semiconductor (TI) LM5035 Datasheet HTML 25Page - National Semiconductor (TI) LM5035 Datasheet HTML 26Page - National Semiconductor (TI) LM5035 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Applications Information (Continued)
Figure 15 shows an application of the OVP comparator for
Remote Thermal Protection using a thermistor (or multiple
thermistors) which may be located near the main heat
sources of the power supply. The negative temperature co-
efficient (NTC) thermistor is nearly logarithmic, and in this
example a 100k
Ω thermistor with the β material constant of
4500 kelvins changes to approximately 2k
Ω at 130˚C. Set-
ting R1 to one-third of this resistance (665
Ω) establishes
130˚C as the desired trip point (for V
REF = 5V). In a tempera-
ture band from 20˚C below to 20˚C above the OVP thresh-
old, the voltage divider is nearly linear with 25mV per˚C
sensitivity.
R2 provides temperature hysteresis by raising the OVP com-
parator input by R2 x 23µA. For example, if a 22k
Ω resistor
is selected for R2, then the OVP pin voltage will increase by
22k
Ω x 23µA = 506mV. The NTC temperature must therefore
fall by 506mV / 25mV per˚C = 20˚C before the LM5035
switches from the standby mode to the normal mode.
HICCUP MODE CURRENT LIMIT RESTART (RES)
The basic operation of the hiccup mode current limit restart
is described in the functional description. The delay time to
restart is programmed with the selection of the RES pin
capacitor C
RES as illustrated in Figure 15.
20177537
FIGURE 14. Latched Load Over-Voltage Protection
20177538
FIGURE 15. Remote Thermal Protection
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com