Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5035
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM5035 Datasheet HTML 12Page - National Semiconductor (TI) LM5035 Datasheet HTML 13Page - National Semiconductor (TI) LM5035 Datasheet HTML 14Page - National Semiconductor (TI) LM5035 Datasheet HTML 15Page - National Semiconductor (TI) LM5035 Datasheet HTML 16Page - National Semiconductor (TI) LM5035 Datasheet HTML 17Page - National Semiconductor (TI) LM5035 Datasheet HTML 18Page - National Semiconductor (TI) LM5035 Datasheet HTML 19Page - National Semiconductor (TI) LM5035 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Gate Driver Outputs (HO & LO) (Continued)
Synchronous Rectifier Control
Outputs (SR1 & SR2)
Synchronous rectification (SR) of the transformer secondary
provides higher efficiency, especially for low output voltage
converters. The reduction of rectifier forward voltage drop
(0.5V - 1.5V) to 10mV - 200mV V
DS voltage for a MOSFET
significantly reduces rectification losses. In a typical applica-
tion, the transformer secondary winding is center tapped,
with the output power inductor in series with the center tap.
The SR MOSFETs provide the ground path for the energized
secondary winding and the inductor current. Figure 5 shows
that the SR2 MOSFET is conducting while HO enables
power transfer from the primary. The SR1 MOSFET must be
disabled during this period since the secondary winding
connected to the SR1 MOSFET drain is twice the voltage of
the center tap. At the conclusion of the HO pulse, the induc-
tor current continues to flow through the SR1 MOSFET body
diode. Since the body diode causes more loss than the SR
MOSFET, efficiency can be improved by minimizing the T2
period while maintaining sufficient timing margin over all
conditions (component tolerances, etc.) to prevent shoot-
through current. When LO enables power transfer from the
primary, the SR1 MOSFET is enabled and the SR2 MOSFET
is off.
During the time that neither HO nor LO is active, the inductor
current is shared between both the SR1 and SR2 MOSFETs
which effectively shorts the transformer secondary and can-
cels the inductance in the windings. The SR2 MOSFET is
disabled before LO delivers power to the secondary to pre-
vent power being shunted to ground. The SR2 MOSFET
body diode continues to carry about half the inductor current
until the primary power raises the SR2 MOSFET drain volt-
age and reverse biases the body diode. Ideally, dead-time
T1 would be set to the minimum time that allows the SR
MOSFET to turn off before the SR MOSFET body diode
starts conducting.
The SR1 and SR2 outputs are powered directly by the VCC
regulator. Each output is capable of sourcing and sinking
0.5A peak. Typically, the SR1 and SR2 signals control SR
MOSFET gate drivers through a pulse transformer. The ac-
tual gate sourcing and sinking currents are provided by the
secondary-side bias supply and gate drivers.
The timing of SR1 and SR2 with respect to HO and LO is
shown in Figure 5. SR1 is configured out of phase with HO
and SR2 is configured out of phase with LO. The deadtime
between transitions is programmable by a resistor con-
nected from the DLY pin to the AGND pin. Typically, R
DLY is
set in the range of 10k
Ω to 100kΩ. The deadtime periods
can be calculated using the following formulae:
T1=[R
DLY x 2.8ps] + 20ns
T2=[R
DLY x 1.35ps] + 6ns
To set the minimum (propagation delays only) deadtime, the
DLY pin should be left open or connected to the REF pin.
Any resistor value above 300k
Ω connected between the DLY
pin and AGND will also provide the minimum period (ap-
proximately 5 ns).
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the
integrated circuit in the event the maximum rated junction
temperature is exceeded. When activated, typically at
165˚C, the controller is forced into a low power standby state
with the output drivers (HO, LO, SR1 and SR2), the bias
regulators (VCC and REF) disabled. This helps to prevent
catastrophic failures from accidental device overheating.
During thermal shutdown, the soft-start capacitor is fully
discharged and the controller follows a normal start-up se-
quence after the junction temperature falls to the operating
level (145˚C).
20177521
FIGURE 5. HO, LO, SR1 and SR2 Timing Diagram
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com