Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 42 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 42 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 38Page - ESS Technology,Inc ES9219 Datasheet HTML 39Page - ESS Technology,Inc ES9219 Datasheet HTML 40Page - ESS Technology,Inc ES9219 Datasheet HTML 41Page - ESS Technology,Inc ES9219 Datasheet HTML 42Page - ESS Technology,Inc ES9219 Datasheet HTML 43Page - ESS Technology,Inc ES9219 Datasheet HTML 44Page - ESS Technology,Inc ES9219 Datasheet HTML 45Page - ESS Technology,Inc ES9219 Datasheet HTML 46Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
42
-0dB to -127.5dB with 0.5dB steps.
[7:0]
VOLUME_2
Default of 8’d80 (-40dB).
-0dB to -127.5dB with 0.5dB steps.
Register 17-20: MASTER TRIM
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[31:0]
Mnemonic
MASTER_TRIM
Bits
Mnemonic
Description
[31:0]
MASTER_TRIM
A 32-bit signed value that sets the 0dB level for all volume controls.
Defaults to full-scale (32’h7FFFFFFF).
Register 21: GPIO INPUT SELECTION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5:4]
[3:0]
Mnemonic
GPIO_INPUT_SEL2
GPIO_INPUT_SEL1
RESERVED
Bits
Mnemonic
Description
[7:6]
GPIO_INPUT_SEL2
Selects which input type will be selected when GPIOX = 1’b1
2’d0: Serial data (I2S/LJ) (default).
2’d3: DSD data.
[5:4]
GPIO_INPUT_SEL1
Selects which input type will be selected when GPIOX = 1’b0
2’d0: Serial data (I2S/LJ) (default).
2’d3: DSD data.
[3:0]
RESERVED
NA
Register 22-23: THD COMPENSATION C2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
THD_COMP_C2
Bits
Mnemonic
Description
[15:0]
THD_COMP_C2
A 16-bit signed coefficient for correcting for the second harmonic
distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com