Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 60 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 60 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 56Page - ESS Technology,Inc ES9219 Datasheet HTML 57Page - ESS Technology,Inc ES9219 Datasheet HTML 58Page - ESS Technology,Inc ES9219 Datasheet HTML 59Page - ESS Technology,Inc ES9219 Datasheet HTML 60Page - ESS Technology,Inc ES9219 Datasheet HTML 61Page - ESS Technology,Inc ES9219 Datasheet HTML 62Page - ESS Technology,Inc ES9219 Datasheet HTML 63Page - ESS Technology,Inc ES9219 Datasheet HTML 64Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
60
Register 194-197: PLL CONFIG2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[31]
[30]
[29]
[28:20]
[19:0]
Mnemonic
PLL_BYPASS
PLL_LOW_BW
RESERVED
PLL_CLK_IN_DIV[8:0]
PLL_CLK_FB_DIV[19:0]
Bits
Mnemonic
Description
[31]
PLL_BYPASS
PLL bypass mode
[30]
PLL_LOW_BW
PLL low bandwidth mode
[29]
RESERVED
NA
[28:20]
PLL_CLK_IN_DIV[8:0]
Sets the PLL clock input divider:
9’d0: Reserved
9’d1: Divide by 1
9’d2: Divide by 2
9’dn: Divide by n
[19:0]
PLL_CLK_FB_DIV[19:0]
Sets the PLL clock feedback divider:
20’d0: Reserved
20’dn: Divide by 2^21/n
Register 198-199: PLL CONFIG3
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:14]
[13:12]
[11:9]
[8:0]
Mnemonic
PLL_PFD_DELAY_SEL
RESERVED
PLL_CP_BIAS_SEL
PLL_CLK_OUT_DIV[8:0]
Bits
Mnemonic
Description
[15:14]
PLL_PFD_DELAY_SEL
Indicates the PFD minimum pulse.
2’b00: 8.5ns (default)
2’b01: 5.5ns
2’b10: 3.5ns
2’b11: 1.5ns
[13:12]
RESERVED
NA
[11:9]
PLL_CP_BIAS_SEL
Sets the PLL charge pump bias current.
3’b000: 1uA (default)
3’b001: 2uA
3’b010: 3uA
3’b011: 4uA
3’b111: 8uA
[8:0]
PLL_CLK_OUT_DIV[8:0]
Indicates the PLL clock output divider.
9’d0: Reserved
9’dn: Divide by n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com