Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 46 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 46 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 42Page - ESS Technology,Inc ES9219 Datasheet HTML 43Page - ESS Technology,Inc ES9219 Datasheet HTML 44Page - ESS Technology,Inc ES9219 Datasheet HTML 45Page - ESS Technology,Inc ES9219 Datasheet HTML 46Page - ESS Technology,Inc ES9219 Datasheet HTML 47Page - ESS Technology,Inc ES9219 Datasheet HTML 48Page - ESS Technology,Inc ES9219 Datasheet HTML 49Page - ESS Technology,Inc ES9219 Datasheet HTML 50Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
46
Note: Master mode must still be enabled for the Sabre to drive the DATA_CLK and DATA1 pins.
You must also select either serial mode or DSD mode in the input_select register to determine whether DATA_CLK
should be driven alone (DSD mode) or both DATA_CLK and DATA1 should be driven (serial mode). 32’d0: disables
NCO mode (default).
32’d0: disables NCO mode (default)
32’d?: enables NCO mode
Register 38-39: RESERVED
Register 40: PROGRAMMABLE FIR RAM ADDRESS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6:0]
Mnemonic
COEFF_STAGE
COEFF_ADDR
Bits
Mnemonic
Description
[7]
COEFF_STAGE
Selects which stage of the filter to write.
1’b0: selects stage 1 of the oversampling filter (default).
1’b1: selects stage 2 of the oversampling filter.
[6:0]
COEFF_ADDR
Selects the coefficient address when writing custom coefficients for the oversampling filter.
Register 41-43: PROGRAMMABLE FIR RAM DATA
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[23:0]
Mnemonic
PROG_COEFF_DATA
Bits
Mnemonic
Description
[23:0]
PROG_COEFF_DATA
Register 44: PROGRAMMABLE FIR CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:3]
[2]
[1]
[0]
Mnemonic
RESERVED
EVEN_STAGE2_COEFF
PROG_COEFF_WE
PROG_COEFF_EN
Bits
Mnemonic
Description
[7:3]
RESERVED
NC
[2]
EVEN_STAGE2_COEFF
Selects the symmetry of the stage 2 oversampling filter.
1’b0: Uses a sine symmetric filter (27 coefficients) (default).
1’b1: Uses a cosine symmetric filter (28 coefficients).
[1]
PROG_COEFF_WE
Enables writing to the programmable coefficient RAM.
1’b0: Disables write signal to the coefficient RAM (default).
1’b1: Enables write signal to the coefficient RAM.
[0]
PROG_COEFF_EN
Enables the custom oversampling filter coefficients.
1’b0: Uses a built-in filter selected by filter_shape (default).
1’b1: Uses the coefficients programmed via prog_coeff_data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com