Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 55 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 55 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 51Page - ESS Technology,Inc ES9219 Datasheet HTML 52Page - ESS Technology,Inc ES9219 Datasheet HTML 53Page - ESS Technology,Inc ES9219 Datasheet HTML 54Page - ESS Technology,Inc ES9219 Datasheet HTML 55Page - ESS Technology,Inc ES9219 Datasheet HTML 56Page - ESS Technology,Inc ES9219 Datasheet HTML 57Page - ESS Technology,Inc ES9219 Datasheet HTML 58Page - ESS Technology,Inc ES9219 Datasheet HTML 59Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
55
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 134: ANALOG CONTROL & I2S MONITOR CONFIG
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemo
nic
RESERV
ED
DVDD_SHUNT_
ENB
RESERV
ED
CH2_ANALOG_S
WAP
CH1_ANALOG_S
WAP
ENABLE_BCK_DET
ECT
ENABLE_WS_DET
ECT
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
DVDD_SHUNT_ENB
Enables the output shunt of the internal DVDD regulator.
1’b0: Shunt disabled
1’b1: Enable output shunt
[4]
RESERVED
NA
[3]
CH2_ANALOG_SWAP
1’b0: Normal polarity of DAC2 and DAC2B (default).
1’b1: Swaps DAC2 and DAC2B (180 degree phase shift).
[2]
CH1_ANALOG_SWAP
1’b0: Normal polarity of DAC1 and DAC1B (default).
1’b1: Swaps DAC1 and DAC1B (180 degree phase shift).
[1]
ENABLE_BCK_DETECT
1’b0: Disable BCK monitor (default).
1’b1: Enable BCK monitor (assume normal MCLK exists). If BCK is lost (no pulses after 1024 MCLK
clock cycles), set LOCK_STATUS to 0 until normal BCK resumes.
[0]
ENABLE_WS_DETECT
1’b0: Disable WS monitor (default).
1’b1: Enable WS monitor (assume normal BCK exists). If WS is lost (no pulses after 256 BCK clock
cycles), set LOCK_STATUS to 0 until normal WS resumes.
Register 135: ANALOG CONTROL OVERRIDES & CMP/ATR CONTROL
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
RESERV
ED
DISABLE_ATR_CH
2
DISABLE_ATR_CH
1
RESERVE
D
SEL_PSD_1V
2
ENCM
P
PDB_ATR_
R
PDB_ATR_
L
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
DISABLE_ATR_CH2
1’b0: Ch2 Analog THD removal (ATR) is enabled (default).
1’b1: Ch2 Analog THD removal (ATR) is disabled.
[5]
DISABLE_ATR_CH1
1’b0: Ch1 Analog THD removal (ATR) is enabled (default).
1’b1: Ch1 Analog THD removal (ATR) is disabled.
[4]
RESERVED
NA
[3]
SEL_PSD_1V2
Over current protection setting.
1’b0: set HPA output stage supply to 1.8V (default)
1’b1: set HPA output stage supply to 3.3V
[2]
ENCMP
Jack detection comparator enable
1’b0: Power down the comparator. (default)
1’b1: Comparator is enabled.
[1]
PDB_ATR_R
Analog THD Removal (ATR) power down control in the HPA for right channel.
1’b0: Power down the ATR. (default)
1’b1: ATR is enabled.
[0]
PDB_ATR_L
Analog THD Removal (ATR) power down control in the HPA for left channel.
1’b0: Power down the ATR. (default)
1’b1: ATR is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com