Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 41Page - ESS Technology,Inc ES9219 Datasheet HTML 42Page - ESS Technology,Inc ES9219 Datasheet HTML 43Page - ESS Technology,Inc ES9219 Datasheet HTML 44Page - ESS Technology,Inc ES9219 Datasheet HTML 45Page - ESS Technology,Inc ES9219 Datasheet HTML 46Page - ESS Technology,Inc ES9219 Datasheet HTML 47Page - ESS Technology,Inc ES9219 Datasheet HTML 48Page - ESS Technology,Inc ES9219 Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
45
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 32: AMPLIFIER CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6:5]
[4:3]
[2]
Mnemonic
AMP_PDB_SS
RESERVED
AMP_MODE_GPIO
RESERVED
Bits
Mnemonic
Description
[7]
AMP_PDB_SS
Powers the amplifier down when the DAC ramps to ground. Useful for powering down the amplifier
when using automute
1’b0: Amplifier shutdown is controlled by the amp_mode (default)
1’b1: Shuts down the amplifier when the DAC is ramped to ground.
[7:5]
RESERVED
NA
[4:3]
AMP_MODE_GPIO
Configures the amplifier mode based on inputs from gpio1 and gpio2
3’d0: Core on (default).
3’d1: LowFi.
2’d2: HiFi 1V.
3’d3: HiFi 2V.
Note: GPIO1 or GPIO2 must be high and gpio1_cfg or gpio2_cfg must be configured to Amp Mode Select
(4’d11) for this to be selected for amp_mode
[2:0]
RESERVED
NA
Register 33: INTERRUPT MASK
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemoni
c
OCR_SD_MAS
K
OCL_SD_MAS
K
OCR_MAS
K
OCR_MAS
K
OCL_MAS
K
OCL_MAS
K
AUTOMUTE_MAS
K
LOCK_MAS
K
Bits
Mnemonic
Description
[7]
OCR_SD_MASK
Masks the overcurrent shutdown bits from flagging an interrupt.
[6]
OCL_SD_MASK
Masks the overcurrent shutdown bits from flagging an interrupt.
[5]
OCR_MASK
Masks the right channel p/n overcurrent bits from flagging an interrupt.
[4]
OCR_MASK
Masks the right channel p/n overcurrent bits from flagging an interrupt.
[3]
OCL_MASK
Masks the left channel p/n overcurrent bits from flagging an interrupt.
[2]
OCL_MASK
Masks the left channel p/n overcurrent bits from flagging an interrupt.
[1]
AUTOMUTE_MASK
Masks the automute bit from flagging an interrupt.
[0]
LOCK_MASK
Masks the lock status bit from flagging an interrupt.
Register 34-37: PROGRAMMABLE NCO
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[31:0]
Mnemonic
NCO_NUM
Bits
Mnemonic
Description
[31:0]
NCO_NUM
An unsigned 32-bit quantity that provides the ratio between MCLK and DATA_CLK. This value can be used to
generate arbitrary DATA_CLK frequencies in master mode. A value of 0 disables this operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com