Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9219 Datasheet HTML 1Page - ESS Technology,Inc ES9219 Datasheet HTML 2Page - ESS Technology,Inc ES9219 Datasheet HTML 3Page - ESS Technology,Inc ES9219 Datasheet HTML 4Page - ESS Technology,Inc ES9219 Datasheet HTML 5Page - ESS Technology,Inc ES9219 Datasheet HTML 6Page - ESS Technology,Inc ES9219 Datasheet HTML 7Page - ESS Technology,Inc ES9219 Datasheet HTML 8Page - ESS Technology,Inc ES9219 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Analog Reinvented
ES9219
32-bit Stereo Low Power DAC with Headphone Amplifier,
Analog Volume Control, and Output Switch
CONFIDENTIAL
s
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Patented 32-bit HyperStream® III DAC/HPA
QUAD DAC+™ technology
+130dB SNR, +121dB DNR
-114 dB THD+N, 1.0Vrms into 100k
-112 dB THD+N, 2.0Vrms into 300
-106 dB THD+N, 300mVrms into 32
Industry’s highest performance 32-bit mobile audio DAC/HPA with unprecedented
dynamic range & ultra-low distortion
Support synchronous and asynchronous sampling modes
Enable SABRE HiFi® experience all the way to headphones
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
64-bit accumulator & 32-bit processing
Distortion free signal processing
Versatile digital input
Support master/slave PCM (I2S, LJ 16-32-bit), DSD or DoP, MQA Renderer
Customizable filter characteristics
Preset filters and a User-programmable filter for custom sound signature
Output Switch for Auxiliary Source
Voice mode bypass with ultra-low power consumption
Integrated Low Noise AVCC LDO
Eliminate external LDO and reduce PCB size
Adjustable Analog Gain with Dynamic Range
Enhancement, Integrated HPA Feedback Resistors
Reduce noise at real-life listening levels
Eliminate external thin film resistors and reduce PCB size
THD Compensation + Analog THD Removal (ATR)
Minimize DAC non-linearity
42-CSP Package
Minimize PCB footprint
< 45 mW quiescent power
< 10uW standby power
Maximize battery life
Integrated Analog PLL
Allow BOM reduction, Crystal not required.
APPLICATIONS
• Mobile phones / Tablets / Digital music players / Portable multimedia players
• Consumer and Audiophile USB DAC headphone amplifiers and A/V receivers
• Professional digital audio workstations and mixer consoles
The ES9219 is a high-performance 32-bit, 2-channel audio SABRE HiFi® D/A converter with QUAD DAC+™ technology, headphone amplifier,
analog volume control, dynamic range enhancement (DRE) and output switch designed for audiophile-grade portable power sensitive applications
such as digital music players, consumer applications such as USB DACs and A/V receivers, as well as professional applications such as mixer
consoles and digital audio workstations.
Using critically acclaimed QUAD DAC+™ technology, patented 32-bit HyperStream III® DAC architecture and Time Domain Jitter Eliminator, the
ES9219 delivers up to 121dB DNR and –114dB THD+N in HiFi mode, a performance level that will satisfy the most demanding audio enthusiasts.
The ES9219’s integrated SABRE DAC supports up to 32-bit 384kHz PCM and DSD256 audio data via master/slave I2S/DSD interface in
synchronous and asynchronous sampling modes. A user-programmable FIR filter with user presets is included for customizable sound signature.
Additionally, the ES9219’s integrated SABRE Headphone Amp supports up to 2.0Vrms output with analog gain control to reduce output noise at
real-life listening levels. An integrated output switch allows an auxiliary source such as voice to bypass the ES9219 for lowest power consumption
in non-HiFi mode. Residual distortion from suboptimal PCB components and layout can be minimized using ES9219’s unique THD compensation
circuit, while PCB footprint and bill-of-material are minimized via the ES9219’s integrated feedback resistors and low-noise DAC reference LDO.
The ES9219 sets the standard for HD audio performance enabling SABRE HiFi® experience all the way from the DAC to headphones for today’s
most demanding digital-audio applications in an easy-to-use 42-CSP package.
FEATURE
DESCRIPTION
s


Similar Part No. - ES9219

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PC ESS-ES9218PC Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PQ ESS-ES9218PQ Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
More results

Similar Description - ES9219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
ESS Technology,Inc
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com