Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 53Page - ESS Technology,Inc ES9219 Datasheet HTML 54Page - ESS Technology,Inc ES9219 Datasheet HTML 55Page - ESS Technology,Inc ES9219 Datasheet HTML 56Page - ESS Technology,Inc ES9219 Datasheet HTML 57Page - ESS Technology,Inc ES9219 Datasheet HTML 58Page - ESS Technology,Inc ES9219 Datasheet HTML 59Page - ESS Technology,Inc ES9219 Datasheet HTML 60Page - ESS Technology,Inc ES9219 Datasheet HTML 61Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
57
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 139-140: DRE GAIN CH2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
DRE_GAIN2
Bits
Mnemonic
Description
[15:0]
DRE_GAIN2
Sets the DRE gain for channel 2.
Shift right 1 bit corresponds to -6dB
Valid from 16’h7FFF (30dB) to 16’h03FF (0dB)
Register 141-142: DRE ON THRESHOLD
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
DRE_ON_THRESH
Bits
Mnemonic
Description
[15:0]
DRE_ON_THRESH
DRE on threshold.
Shift right 1 bit corresponds to -6dB
16’hFFFF corresponds to -24dB
Register 143-144: DRE OFF THRESHOLD
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
DRE_OFF_THRESH
Bits
Mnemonic
Description
[15:0]
DRE_OFF_THRESH
DRE off threshold.
Shifting right 1 bit corresponds to -6dB
16’hFFFF corresponds to -24dB
Register 145: DRE DECAY RATE
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:5]
[4:0]
Mnemonic
RESERVED
DRE_DECAY_RATE
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:0]
DRE_DECAY_RATE
Sets the speed at which the stored value of the DRE peak detector will
decay when the input signal is below the stored value.
4’d31: slowest decay
4’d0: instant decay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com