Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 44 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 44 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 40Page - ESS Technology,Inc ES9219 Datasheet HTML 41Page - ESS Technology,Inc ES9219 Datasheet HTML 42Page - ESS Technology,Inc ES9219 Datasheet HTML 43Page - ESS Technology,Inc ES9219 Datasheet HTML 44Page - ESS Technology,Inc ES9219 Datasheet HTML 45Page - ESS Technology,Inc ES9219 Datasheet HTML 46Page - ESS Technology,Inc ES9219 Datasheet HTML 47Page - ESS Technology,Inc ES9219 Datasheet HTML 48Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
44
Register 29: GPIO CONFIGURATION AND AUTO CLOCK GEAR
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:6]
[5:3]
[2]
[1:0]
Mnemonic
INVERT_GPIO
RESERVED
AUTO_CLK_GEAR
MAX_CLK_GEAR
Bits
Mnemonic
Description
[7:6]
INVERT_GPIO
Allows each GPIO output to be inverted independently.
2’b00: Normal GPIO operation (default).
2’b01: Invert GPIO1 output only.
2’b10: Invert GPIO2 output only.
2’b11: Invert both GPIO outputs.
[5:3]
RESERVED
NA
[2]
AUTO_CLK_GEAR
Allows the digital core to automatically adjust the clock gear setting by counting the number of MCLK
pulses per 1fs.
If the number of MCLK pulses exceeds a threshold, then the clock gear will decrease (get faster) and if the
number of MCLK pulses is below a threshold then the clock gear will increase (get slower).
This allows the Sabre to automatically save power when running at lower sample rates.
1’b0: Automatic clock gearing is disabled (default).
1’b1: Automatic clock gearing is enabled.
See Register 49-51: Automatic Clock Gearing Thresholds for threshold setting
[1:0]
MAX_CLK_GEAR
Selects the maximum amount of clock gearing that the automatic clock gearing circuitry can implement.
This is useful when running at slow clock rates where a clock gear could slow the MCLK down below the
I2C programming constraints.
2’b00: Sets MCLK/1 as the maximum clock gearing ratio (effectively disabling the automatic clock gearing)
(default).
2’b01: Sets MCLK/2 as the maximum clock gearing ratio.
2’b10: Sets MCLK/4 as the maximum clock gearing ratio.
2’b11: Sets MCLK/8 as the maximum clock gearing ratio.
Register 30-31: CHARGE PUMP CLOCK
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:14]
[13:12]
[11:0]
Mnemonic
CP_CLK_SEL
CP_CLK_EN
CP_CLK_DIV
Bits
Mnemonic
Description
[15:14]
CP_CLK_SEL
Selects which clock will be used as the reference clock for the charge pump clock.
2’b00: Use MCLK as the reference clock (default).
2’b01: Use 128*fs as the reference clock.
2’b10: Use 64*fs as the reference clock.
2’b11: Use 1*fs as the reference clock.
[13:12]
CP_CLK_EN
Sets the state of the charge pump clock.
2’b00: Tristate output (default).
2’b01: Tied to GND.
2’b10: Tied to DVDD.
2’b11: cp_clk_sel/ cp_clk_div.
[11:0]
CP_CLK_DIV
Sets the divider ratio for the charge pump clock. F_CLK is the frequency of the clock selected by cp_clk_sel.
������������ = ����
������������(��������������������
������������
+1) ∗ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com