Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9219 Datasheet(PDF) 49 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 49 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 45Page - ESS Technology,Inc ES9219 Datasheet HTML 46Page - ESS Technology,Inc ES9219 Datasheet HTML 47Page - ESS Technology,Inc ES9219 Datasheet HTML 48Page - ESS Technology,Inc ES9219 Datasheet HTML 49Page - ESS Technology,Inc ES9219 Datasheet HTML 50Page - ESS Technology,Inc ES9219 Datasheet HTML 51Page - ESS Technology,Inc ES9219 Datasheet HTML 52Page - ESS Technology,Inc ES9219 Datasheet HTML 53Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
49
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Bits
[7]
[6]
[5:4]
[3]
[2]
[1:0]
Mnemonic
RESERVED
ENHPA_OUT
RESERVED
HPA_HIQ
ENABLE_SEPARATE_THD_COMP
RESERVED
Bits
Mnemonic
Description
[7]
RESERVED
NC
[6]
ENHPA_OUT
Enable the headphone amplifier output stage, active high.
1’b0: Disable the headphone output stage (default).
1’b1: Enable the headphone output stage.
Note: To reduce clicks/pops during power sequencing ENHPA_OUT should be delayed
at least 100us after issuing the ENHPA signal.
[5:4]
RESERVED
NA
[3]
HPA_HIQ
Selects the quiescent current of the headphone amp. This may be useful for adjusting
the crossover distortion between the left and right channel.
1’b0: Low output quiescent current (default).
1’b1: High output quiescent current.
[2]
ENABLE_SEPARATE_THD_COMP
Selects which bank of THD coefficients to use for channel 2 compensation.
1’b0: One set of coefficients (registers 22-25) are used for both channel 1 and channel
2 (default).
1’b1: A separate set of coefficients (registers 53-56) are used for channel 2.
[1:0]
RESERVED
NA
Register 49-51: AUTOMATIC CLOCK GEARING THRESHOLDS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[23:12]
[11:0]
Mnemonic
CLK_GEAR_MAX_THRESH
CLK_GEAR_MIN_THRESH
Bits
Mnemonic
Description
[23:12]
CLK_GEAR_MAX_THRESH
Selects the maximum number of MCLK/2 pulses per 1fs that must be counted before the
clock gear is automatically increased (MCLK is slowed down).
[11:0]
CLK_GEAR_MIN_THRESH
Selects the minimum number of MCLK/2 pulses per 1fs that must be counted before the clock
gear is automatically decreased (MCLK is sped up).
This value should always be 98 or larger so that the minimum MCLK oversampling factor is
achieved.
Register 52: RESERVED
Register 53-54: THD COMPENSATION C2 -CH2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
THD_COMP_C2_Ch2
Bits
Mnemonic
Description
[15:0]
THD_COMP_C2_Ch2
A 16-bit signed coefficient for correcting for the second harmonic distortion. Used only in the channel 2
THD compensation block when enable_seperate_thd_comp is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com