Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 3Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 4Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 5Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 6Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 7Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 8Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 9Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 10Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
4
Hardware specifications
General conditions (VIN = 3.3 V and 25 °C).
4.1
Recommended operating conditions
Table 1. Recommended operating conditions
Rating
Min.
Typical
Max.
Unit
Operating temperature range
- 40
-
+8 5
°C
Supply voltage VIN
2.1
3.3
3.6
V
Signal pin voltage
-
1.8
-
V
4.2
Radio features
Table 2. Radio features
Feature
Min.
Typical
Max.
Unit
Bluetooth version
-
3.0
-
Bluetooth class
-
2
-
Radiated transmit power
-
-
+2.6
dBm
Receiver sensitivity
-
-88
-
dBm
RF frequency
2402
-
2480
MHz
4.3
Absolute maximum ratings
Table 3. Absolute maximum ratings
Rating
Min.
Typical
Max.
Unit
Storage temperature range
-40
-
+85
°C
Supply voltage, VIN
-0.3
-
+5.5
V
I/O pin voltage, VIO
-0.3
+1.8
+2.1(1)
V
1. for pins not 5 V tolerant
4.4
Current consumption
Test conditions:
Temperature: 25 °C
Configuration variables:
CpuMHz:
84 MHz (default)
13 MHz (minimum)
UseExtLPO:
Internal LPO: FALSE (default)
SPBT3.0DP2
Hardware specifications
DS11599 - Rev 7
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com