Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 6Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 7Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 8Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 9Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 10Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 11Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 12Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 13Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Table 7. Pin assignment
Pin
Name
Description
I/O
Note
1
GPIO1
GPIO indicating BT connection status
- 1: BT connection is active
- 0: BT connection is not active
O
5 V tolerant
2
GPIO2
General purpose I/O
I/O
3
GPIO3
General purpose I/O
I/O
5 V tolerant
4
GPIO4
GPIO indicating module power status
- 1: active mode
- 0: Deep Sleep Mode
O
5
GPIO5
I2C_SDA line for MFi chip or general purpose I/O
I/O
5 V tolerant
6
GPIO6
I2C_SCL line for MFi chip or general purpose I/O
I/O
5 V tolerant
7
GND
Reference ground
NA
8
Vin
Main power supply input
NA
9
Boot 0
Boot 0 pin
I
10
RESETn
Reset input (active low for 5 ms)
I
11
CTS
Clear to send (active low)
I
5 V tolerant
12
RTS
Request to send (active low)
O
5 V tolerant
13
RXD
Receive data
I
5 V tolerant
14
TXD
Transmit data
O
5 V tolerant
15
LPO
Low power 32 KHz oscillator
I/O
See Section 6.5 External LPO input circuit
16
GPIO8
General purpose I/O
I/O
5 V tolerant
17
GPIO7
General purpose I/O
I/O
5 V tolerant
18
+1.8V OUT
+1.8 V out (max 10 mA)
NA
Note:
Some GPIOs can be configured with alternate functions. For details refer to the AT Command Data Package
user manual.
SPBT3.0DP2
Pin assignment
DS11599 - Rev 7
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com