Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 23Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 24Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 25Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does
cause harmful interference to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to try to correct the interference by one or more of the following measures:
Reorient or relocate the receiving antenna.
Increase the separation between the equipment and receiver.
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
Consult the dealer or an experienced radio/TV technician for help.
In cases where an OEM seeks the lesser category of a Class A digital device for the final product, the following
statement must be included in the final product manual:
Note: This equipment has been tested and found to comply with the limits for a Class A digital device, pursuant to
part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference
when the equipment is operated in a commercial environment. This equipment generates, uses, and can radiate
radio frequency energy and, if not installed and used in accordance with the instruction manual, may cause
harmful interference to radio communications. Operation of this equipment in a residential area is likely to cause
harmful interference in which case the user will be required to correct the interference at his expense.
8.2
IC certification
The SPBT3.0DP2 module has been tested and found compliant with the IC RSS-210 rules. These limits are
designed to provide reasonable protection against harmful interference in approved installations. This equipment
generates, uses, and can radiate radio frequency energy and, if not installed and used in accordance with the
instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference may not occur in any particular installation.
This device complies with RSS-210 of the IC rules. Operation is subject to the following two conditions:
1.
this device may not cause harmful interference
2.
this device must accept any interference received, including interference that may cause undesired
operation.
Modifications or changes to this equipment not expressly approved by STMicroelectronics may render void the
user's authority to operate this equipment.
The safe user distance for RF exposure is ≥ 15 mm (in compliance with RSS-102 Issue 5).
Modular approval
IC: 8976C-SPBT302
In accordance with IC RSS-210, the SPBT3.0DP2 is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple transmitters must
comply with collocation and RF exposure requirements in accordance with IC multi-transmitter product
procedures. Collocated transmitters operating in portable RF exposure conditions (e.g. <20 cm from persons
including but not limited to body-worn and handheld devices) may require separate approval.
8.2.1
IC labeling instructions
When integrating the SPBT3.0DP2 into the final product, the OEM must ensure that the IC labeling requirements
are satisfied. A statement must be included on the exterior of the final product which indicates that the product
includes a certified module. The label should state the following (or similar wording that conveys the same
meaning):
Contains IC: 8976C-SPBT302
OR
This product contains IC: : 8976C-SPBT302
The OEM must include the following statements on the exterior of the final product unless the product is too small
(e.g. less than 4 x 4 inches):
This device complies with RSS-210 of the IC Rules. Operation is subject to the following two conditions:
1.
this device may not cause harmful interference
SPBT3.0DP2
IC certification
DS11599 - Rev 7
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com