Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 1 Page - STMicroelectronics

  SPBT3.0DP2 Datasheet HTML 1Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 2Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 3Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 4Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 5Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 6Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 7Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 8Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
Bluetooth radio
–
Fully embedded Bluetooth® v3.0 with SPP and HID profiles
–
Class 2 module
–
Enhanced data rate (EDR) support
–
Complete RF-ready module
–
Embedded support for MFi iAP2 profile
–
128-bit encryption security
–
Integrated antenna
•
ST Cortex-M4 microprocessor
–
Up to 100 MHz
–
512 kB Flash
–
128 kB RAM
•
Supports transmission speed with SPP up to 1.5 Mbit/s
•
8 general-purpose I/Os
•
User interface
–
AT command data package (DP)
–
Firmware upgrade over UART
•
EU, FCC, IC and Bluetooth qualified
•
Single voltage supply: 3.3 V typical
•
Micro-sized form factor: 11.6 x 13.5 x 2.9 mm
•
Operating temperature range: -40 °C to 85 °C
•
RoHS compliance
Description
The SPBT3.0DP2 is an easy-to-use Bluetooth module that is compliant with
Bluetooth v3.0.
The module has among the smallest form factors available in a complete Class 2 RF
platform. The SPBT3.0DP2 enables electronic devices with wireless connectivity,
requiring no RF experience or expertise to integrate into the final product. As a
certified solution, the SPBT3.0DP2 module optimizes time-to-market for end-
applications.
The module is designed for maximum performance in a minimal space including high
speed UART and 8 general purpose I/O lines, and up to 1.5 Mbps transmission
speed with SPP service active and 1 Mbps with iAP2 service active.
Its optimized design allows the integration of a complete working Bluetooth modem,
including antenna, in the smallest possible size.
Deep Sleep mode reduces power consumption when a Bluetooth connection is not
established.
The SPBT3.0DP2 is a surface-mount PCB module that provides fully embedded,
ready-to-use Bluetooth wireless technology. The reprogrammable Flash memory
contains embedded firmware for serial cable replacement using the Bluetooth SPP
profile. Embedded Bluetooth data package (DP) firmware provides a user-friendly
interface, offering simple control for cable replacement and enabling communication
Maturity status link
SPBT3.0DP2
Device summary
Order code
SPBT3.0DP2
Description
Class 2 OEM
Bluetooth antenna
module
Packing
JEDEC tray
MOQ
2448 pcs
Bluetooth® Classic module
SPBT3.0DP2
Datasheet
DS11599 - Rev 7 - May 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPBT3.0DP2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2532C2.AT STMICROELECTRONICS-SPBT2532C2.AT Datasheet
909Kb / 48P
Bluetooth technology class-2 module
24-Feb-2010
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
18-Jul-2012
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
Bluetooth technology class-2 module
24-Feb-2010
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
Bluetooth??class 1 module
14-Nov-2007
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
Bluetooth® technology class-1 module
07-Aug-2012
More results

Similar Description - SPBT3.0DP2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
Bluetooth® Dual-Mode Module
2016-2019
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com