Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 23Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 24Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
8
Regulatory compliance
8.1
FCC certification
This module has been tested and found to comply with FCC part 15 rules. These limits are designed to provide
reasonable protection against harmful interference in approved installations. This equipment generates, uses, and
can radiate radio frequency energy and, if not installed and used in accordance with the instructions, may cause
harmful interference to radio communications.
However, there is no guarantee that interference may not occur in any particular installation.
Operation is subject to the following two conditions:
1.
This device may not cause harmful interference
2.
this device must accept any interference received, including interference that may cause undesired
operation. Modifications or changes to this equipment not expressly approved by STMicroelectronics may
render void the user's authority to operate this equipment.
The safe user distance for RF exposure is ≥ 5 mm (in compliance with 447498 D01 General RF Exposure
Guidance v06).
Modular approval
FCC ID: S9NSPBT30DP2
In accordance with FCC part 15, the SPBT3.0DP2 is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple transmitters must
comply with collocation and RF exposure requirements in accordance with FCC multi-transmitter product
procedures. Collocated transmitters operating in portable RF exposure conditions (e.g. < 20 cm from persons
including but not limited to body-worn and handheld devices) may require separate approval.
8.1.1
FCC labeling instructions
When integrating the SPBT3.0DP2 into the final product, the OEM must ensure that the FCC labeling
requirements are satisfied. A statement must be included on the exterior of the final product which indicates that
the product includes a certified module. The label should state the following (or similar wording that conveys the
same meaning):
Contains FCC ID: S9NSPBT30DP2
OR
This product contains FCC ID: S9NSPBT30DP2
The OEM must include the following statements on the exterior of the final product unless the product is too small
(e.g. less than 4 x 4 inches)This device complies with Part 15 of the FCC Rules. Operation is subject to the
following two conditions:
1.
this device may not cause harmful interference
2.
this device must accept any interference received, including any interference that may cause undesired
operation.
8.1.2
Product manual instructions for FCC compliance
This section applies to OEM final products containing the SPBT3.0DP2 module, subject to FCC compliance. The
final product manual must contain the following statement (or a similar statement that conveys the same
meaning):
Warning: Changes or modifications not expressly approved by the party responsible for compliance
could void the user's authority to operate the equipment. (Part. 15.21)
In the case where an OEM seeks Class B (residential) limits for the final product, the following statement must be
included in the final product manual:
Note: This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference
in a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
SPBT3.0DP2
Regulatory compliance
DS11599 - Rev 7
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com